Electronic Components Datasheet Search
  English  ▼

X  

354500 Datasheet (PDF) - TE Connectivity Ltd

354500 Datasheet PDF - TE Connectivity Ltd
Part # 354500
Download  354500 Download
File Size   218.3 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SL-156 Connector with TPA Device

354500 Datasheet (PDF)

Go To PDF Page Download Datasheet
354500 Datasheet PDF - TE Connectivity Ltd

Part # 354500
Download  354500 Click to download

File Size   218.3 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SL-156 Connector with TPA Device

354500 Datasheet (HTML) - TE Connectivity Ltd


354500 Product details

KEY FEATURES
• .156’’ centerline (3.96 mm)
• 2 - 12 positions for discrete wires
AWG 24 to 18
• Voltage up to 250 V
• Current up to 10 A
• Locking ramp
• Polarization tabs
• Terminals can only be loaded one way
• 20-position breakaway Terminal Position
Assurance (TPA)
• Housing color white

APPLICATIONS
• Household appliances
• HVAC
• Industrial machinery (e.g. control boards)

Electrical
• Voltage rating: 250 VAC
• Current rating: 10 A

MECHANICAL
• Positions: 2 to 12 (single row)
• Wire size: 24 to 18 AWG discrete wire
• Centerline: .156’’ (3.96 mm)
• Breakaway style TPA 20 positions
• Operating temperature: -55 to 105 °C

MATERIALS
• Housing: UL94V-0 rated nylon
• Contacts: Tin-plated Phos Bronze, Gold also available

STANDARDS
• CSA approved
• UL recognized




Similar Part No. - 354500

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354500 LITTELFUSE-354500 Datasheet
662Kb / 2P
OMNI-BLOK® Molded Base Fuse Block for 3AB/3AG Fuses
02/08/23
logo
TE Connectivity Ltd
354500 TEC-354500 Datasheet
222Kb / 2P
EP 2.5 Connector Series
08/2011
More results


Similar Description - 354500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
647400 MACOM-647400 Datasheet
104Kb / 1P
HOUSING, SL-156, FOR LARGE WIRE INSULATION
770476-2 MACOM-770476-2 Datasheet
77Kb / 1P
RECEPTACLE, SL-156
logo
Molex Electronics Ltd.
50-57-9707 MOLEX11-50-57-9707 Datasheet
46Kb / 1P
SL??Crimp Housing, Single Row, Version N, TPA??with Positive Latch, 7 Circuits
50-57-9708 MOLEX11-50-57-9708 Datasheet
46Kb / 1P
SL??Crimp Housing, Single Row, Version N, TPA??with Positive Latch, 8 Circuits
73838-0008 MOLEX11-73838-0008 Datasheet
47Kb / 1P
2.54mm SL??Crimp Housing, Single Row, Version N, TPA??with Positive Latch, 8
0050579705 MOLEX1-0050579705_17 Datasheet
40Kb / 1P
SL Crimp Housing, Single Row, Version N, TPA??with Positive Latch, 5 Circuits
0738380005 MOLEX1-0738380005_17 Datasheet
36Kb / 1P
2.54mm SL Crimp Housing, Single Row, Version N, TPA with Positive Latch
0738380006 MOLEX1-0738380006_17 Datasheet
36Kb / 1P
2.54mm SL Crimp Housing, Single Row, Version N, TPA with Positive Latch
0738380007 MOLEX1-0738380007_17 Datasheet
36Kb / 1P
2.54mm SL Crimp Housing, Single Row, Version N, TPA with Positive Latch
0738380008 MOLEX1-0738380008_17 Datasheet
36Kb / 1P
2.54mm SL Crimp Housing, Single Row, Version N, TPA with Positive Latch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com