Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35R Datasheet (PDF) - Texas Instruments

ISOTMP35R Datasheet PDF - Texas Instruments
Part # ISOTMP35R
Download  ISOTMP35R Download
File Size   1499.6 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage

ISOTMP35R Datasheet (PDF)

Go To PDF Page Download Datasheet
ISOTMP35R Datasheet PDF - Texas Instruments

Part # ISOTMP35R
Download  ISOTMP35R Click to download

File Size   1499.6 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage

ISOTMP35R Datasheet (HTML) - Texas Instruments


ISOTMP35R Product details

1 Features
• AEC-Q100 qualified with:
– Temperature grade 0: –40°C to 150°C TA
– Device HBM ESD classification level 2
– Device CDM ESD classification level C5
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Robust integrated isolation barrier:
– Withstand isolation voltage: 5kVRMS
– Isolation working voltage: 1.06kVRMS
• Isolation barrier life: >30 years
• Temperature sensor accuracy:
– ±0.5°C typical at 25°C
– ±2.5°C maximum from 0°C to 70°C
– ±3.5°C maximum from –40°C to 150°C
• Operating supply range: 3V to 34V
• Positive slope sensor gain: 10mV/°C
• Sensor offset: 500mV at 0°C
• Fast thermal response: <4s
• Short circuit protected output
• Low power consumption: 45μA (typical)
• Safety-related certifications (planned):
– 5kVRMS isolation for 1 minute per UL 1577

2 Applications
• HEV/EV battery-management system (BMS)
• HEV/EV on-board and wireless charger
• HEV/EV DC/DC converter
• HEV/EV inverter and motor control
• Powertrain temperature sensor
• SiC PowerFET temperature monitoring
• IGBT PowerFET temperature monitoring

3 Description
The ISOTMP35R-Q1 is the industry’s first reinforced
isolated temperature sensor IC, combining an
integrated isolation barrier, up to 5kVRMS withstand
voltage, with an analog temperature sensor featuring
a 10mV/°C slope from –40°C to 150°C. This
integration enables the sensor to be co-located
with high-voltage heat sources (for example: HV
FETs, IGBTs, or HV contactors) without requiring
expensive isolation circuitry. The direct contact with
the high-voltage heat source also provides greater
accuracy and faster thermal response compared with
approaches where the sensor is placed further away
to meet isolation requirements.
Operating from a non-isolated 3V to 34V supply,
the ISOTMP35R-Q1 allows easy integration into
applications where subregulated power is not
available on the high-voltage plane.
The best output voltage of the ISOTMP35R-Q1
ranges from 100mV to 2V for a –40°C to 150°C
temperature range. The ISOTMP35R-Q1 does not
require any external calibration or trimming to provide
a worst-case accuracy of ±0.5°C at room temperature
and ±3.5°C over the full –40°C to 150°C temperature
range. The linear output, 500mV offset, and factory
calibration of the ISOTMP35R-Q1 simplify the circuitry
requirements in a single supply environment where
reading negative temperatures is necessary.
The integrated isolation barrier satisfies UL 1577
requirements. The surface mount package (12-pin
SSOP) provides excellent heat flow from the heat
source to the embedded thermal sensor, minimizing
thermal mass and providing more accurate heatsource
measurement. This reduces the need for timeconsuming
thermal modeling and improves system
design margin by reducing mechanical variations due
to manufacturing and assembly.




Similar Part No. - ISOTMP35R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOTMP35R TI2-ISOTMP35R Datasheet
1Mb / 23P
ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R TI2-ISOTMP35R Datasheet
1Mb / 44P
ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
REVISED MAY 2026
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 23P
ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 37P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
REVISED APRIL 2026
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1_V01 Datasheet
1Mb / 37P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
REVISED APRIL 2026
More results


Similar Description - ISOTMP35R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
AMC1350-Q1 TI-AMC1350-Q1 Datasheet
2Mb / 37P
AMC1350-Q1 Automotive, Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1351-Q1 TI-AMC1351-Q1 Datasheet
2Mb / 36P
AMC1351-Q1 Automotive, Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC23C12-Q1 TI-AMC23C12-Q1 Datasheet
1Mb / 33P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
MARCH 2022
AMC23C12-Q1 TI-AMC23C12-Q1_V01 Datasheet
1Mb / 43P
AMC23C12-Q1 Automotive, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
TPSI3050-Q1 TI-TPSI3050-Q1_V01 Datasheet
4Mb / 42P
TPSI3050-Q1 Automotive Reinforced Isolated Switch Driver with Integrated 10-V Gate Supply
REVISED SEPTEMBER 2022
TPSI3050-Q1 TI-TPSI3050-Q1_V02 Datasheet
4Mb / 44P
TPSI3050-Q1 Automotive Reinforced Isolated Switch Driver with Integrated 10-V Gate Supply
REVISED APRIL 2023
TMP9A00-EP TI-TMP9A00-EP_V01 Datasheet
1Mb / 23P
TMP9A00-EP ±2.5 °C Low-Power, Analog Out Temperature Sensor
REVISED FEBRUARY 2021
ISOTMP35-Q1 TI-ISOTMP35-Q1 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
ISOTMP35 TI-ISOTMP35 Datasheet
1Mb / 28P
ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com