Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35R Datasheet (PDF) - Texas Instruments

ISOTMP35R Datasheet PDF - Texas Instruments
Part # ISOTMP35R
Download  ISOTMP35R Download
File Size   1598.2 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage

ISOTMP35R Datasheet (PDF)

Go To PDF Page Download Datasheet
ISOTMP35R Datasheet PDF - Texas Instruments

Part # ISOTMP35R
Download  ISOTMP35R Click to download

File Size   1598.2 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage

ISOTMP35R Datasheet (HTML) - Texas Instruments


ISOTMP35R Product details

1 Features
• Robust integrated isolation barrier:
– Withstand isolation voltage: 5kVRMS
– Isolation working voltage: 1.06kVRMS
• Isolation barrier life: >30 years
• Temperature sensor accuracy:
– ±0.5°C typical at 25°C
– ±1.5°C maximum from 0°C to 70°C
– ±2.5°C maximum from –40°C to 150°C
• Operating supply range: 3V to 34V
• Positive slope sensor gain: 10mV/°C
• Sensor offset: 500mV at 0°C
• Fast thermal response: <4s
• Short circuit protected output
• Low power consumption: 45μA (typical)
• DFP (SSOP-12) package
• Safety-related certifications (planned):
– 5kVRMS isolation for 1 minute per UL 1577

2 Applications
• AC charging (pile) station
• DC fast charging station
• Rack and server PSU with 48V output
• Server PSU with 12V output
• Merchant DC/DC
• Merchant telecom rectifier
• Battery backup unit
• Merchant DIN rail power supply
• AC/DC adapter PSU

3 Description
The ISOTMP35R is the industry’s first reinforced
isolated temperature sensor IC, combining an
integrated isolation barrier, up to 5kVRMS withstand
voltage, with an analog temperature sensor featuring
a 10mV/°C slope from –40°C to 150°C. This
integration enables the sensor to be co-located
with high-voltage heat sources (for example: HV
FETs, IGBTs, or HV contactors) without requiring
expensive isolation circuitry. The direct contact with
the high-voltage heat source also provides greater
accuracy and faster thermal response compared with
approaches where the sensor is placed further away
to meet isolation requirements.
Operating from a non-isolated 3V to 34V supply, the
ISOTMP35R allows easy integration into applications
where subregulated power is not available on the
high-voltage plane.
The best output voltage of the ISOTMP35R ranges
from 100mV to 2V for a –40°C to 150°C temperature
range. The ISOTMP35R does not require any external
calibration or trimming to provide a worst-case
accuracy of ±0.5°C at room temperature and ±2.5°C
over the full –40°C to 150°C temperature range. The
linear output, 500mV offset, and factory calibration of
the ISOTMP35R simplify the circuitry requirements in
a single supply environment where reading negative
temperatures is necessary.
The integrated isolation barrier satisfies UL 1577
requirements. The surface mount package (12-pin
SSOP) provides excellent heat flow from the heat
source to the embedded thermal sensor, minimizing
thermal mass and providing more accurate heatsource
measurement. This reduces the need for timeconsuming
thermal modeling and improves system
design margin by reducing mechanical variations due
to manufacturing and assembly.




Similar Part No. - ISOTMP35R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOTMP35R TI2-ISOTMP35R Datasheet
1Mb / 20P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R TI2-ISOTMP35R Datasheet
1Mb / 44P
ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
REVISED MAY 2026
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 20P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 37P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
REVISED APRIL 2026
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1_V01 Datasheet
1Mb / 37P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
REVISED APRIL 2026
More results


Similar Description - ISOTMP35R

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
Analog Output Temperature Sensor IC
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
Temperature Sensor IC Analog Output
logo
Renesas Technology Corp
HS4101 RENESAS-HS4101 Datasheet
795Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
HS4111 RENESAS-HS4111 Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
HS410X RENESAS-HS410X Datasheet
794Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Analog Output
Apr 28, 2022
HS411X RENESAS-HS411X Datasheet
802Kb / 16P
High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
Apr 28, 2022
logo
Texas Instruments
ISOTMP35-Q1 TI-ISOTMP35-Q1 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
ISOTMP35 TI-ISOTMP35 Datasheet
1Mb / 28P
ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com