Electronic Components Datasheet Search
  English  ▼

X  

ADS52J65 Datasheet (PDF) - Texas Instruments

ADS52J65 Datasheet PDF - Texas Instruments
Part # ADS52J65
Download  ADS52J65 Download
File Size   1153.4 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS52J6x, 8/4-Channel, 16/14-Bit, 125MSPS, 70mW/Ch for 8-CH ADC With JESD204B Interface

ADS52J65 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS52J65 Datasheet PDF - Texas Instruments

Part # ADS52J65
Download  ADS52J65 Click to download

File Size   1153.4 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS52J6x, 8/4-Channel, 16/14-Bit, 125MSPS, 70mW/Ch for 8-CH ADC With JESD204B Interface

ADS52J65 Datasheet (HTML) - Texas Instruments


ADS52J65 Product details

1 Features
• 16/14-Bit Resolution, 8/4-Channel ADC
• Idle Signal-to-Noise Ratio (SNR):
– 80dBFS for 16bit ADC
– 79dBFS for 14bit ADC
• Power dissipation at 125MSPS, 4CH per Lane:
– 70mW/Ch for ADS52J65/66 (8CH ADC)
– 82mW/Ch for ADS52J67/68 (4CH ADC)
• Power dissipation at 62.5MSPS, 8CH per Lane:
– 45mW/Ch for ADS52J65/66 (8CH ADC)
– 65mW/Ch for ADS52J67/66 (4CH ADC)
• Full-Scale Input: 2VPP
• Full-Scale SNR at fIN = 10MHz:
– 78dBFS for 16bit ADC
– 77dBFS for 14bit ADC
• Full-Scale SFDR: –85dBc at fin = 10MHz
• Analog Input –3dB Bandwidth = 250MHz
• Maximum Input Signal Frequency for 2VPP Input =
130MHz
• Fast and Consistent Overload Recovery
• Advanced Digital Features
– Automatic DC Offset Correction
– Digital Average
• Digital I/Q Demodulator
– Fractional Decimation Filter M = 1 to 63 With
Increments of 0.25
– Data Output Rate Reduction After Decimation
– Power dissipation at 80MSPS and Decimation
= 2
• 64mW/Ch for ADS52J65/66 (8-CH ADC)
• 91mW/Ch for ADS52J67/68 (4-CH ADC)
– On-Chip RAM With 32 Preset Profiles
• JESD204B Subclass 0, 1, and 2
– 2, 4, or 8 Channels per JESD Lane
– 10Gbps JESD Interface
– Supports lane rate up to 12.8Gbps for short
trace length (< 5 Inch)
• 64-Pin Non-Magnetic 9 × 9mm Package

2 Applications
• Medical Imaging: Ultrasound, MRI
• High Frequency Ultrasound
• Non-Destructive Tests (NDT)
• Radar, Lidar, and Spectroscopy
• Digital Oscillscopes and Data Acquistion
• Flow cytometry, flow cytometer, Hematology
analyze

3 Description
The 8/4-channel, 16/14-bit ADS52J6x analog-todigital
converter (ADC) uses CMOS process and
remarkable circuit techniques. The device is designed
to operate at low power and give very high signalto-
noise ratio (SNR) performance with a 2-Vpp fullscale
input. The ADS52J65 device gives 80dBFS
idle SNR and 78dBFS full scale SNR at 5MHz.
The large input bandwidth of 250MHz makes the
device well suited for a wide range of applications,
such as high frequency medical ultrasound, magnetic
resonance imaging, multi-channel data acquisition,
flow cytometry, and hematology analyzer. The ADC
integrates an internal reference trimmed to match
across devices.
ADS52J6x has advanced digital features, including a
digital I/Q demodulator with fractional decimation filter.
The ADC data from each channel is encoded using
an 8B to 10B format and is sent as a SerDes data
stream using current-mode logic (CML) outputbuffers,
as per the JESD204B standard. The ADC data from
all eight channels can be output over a single CML
buffer (1-lane SerDes) with the data rate limited
to a maximum of 12.8Gbps. Using SerDes outputs
reduces the number of interface lines. This, together
with the low-power design, enables eight channels to
be packaged in a 9mm × 9mm VQFN allowing high
system integration densities. ADS52J6x also supports
modes where all ADC data is sent over four CML
buffers (4-Lane SerDes), reducing the SerDes data
rate per lane for low-cost FPGAs. The ADS52J6x
is available in a non-magnetic VQFN package that
does not create any magnetic artifact. The device is
specified over –40°C to +85°C.




Similar Part No. - ADS52J65

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS52J65 TI1-ADS52J65 Datasheet
755Kb / 10P
8-Channel, 16-Bit, 125-MSPS, 70 mW/Ch ADC With JESD204B Interface
ADS52J65 TI-ADS52J65 Datasheet
1Mb / 12P
ADS52J65 8-Channel, 16-Bit, 125-MSPS, 70-mW/Ch ADC With JESD204B Interface
ADS52J65 TI2-ADS52J65 Datasheet
856Kb / 11P
ADS52J65 8-Channel, 16-Bit, 125-MSPS, 70-mW/Ch ADC With JESD204B Interface
REVISED JUNE 2020
ADS52J65 TI2-ADS52J65 Datasheet
1Mb / 14P
ADS52J6x, 8/4-Channel, 16/14-Bit, 125MSPS, 70mW/Ch for 8-CH ADC With JESD204B Interface
REVISED SEPTEMBER 2025
ADS52J65IRGCR TI1-ADS52J65IRGCR Datasheet
755Kb / 10P
8-Channel, 16-Bit, 125-MSPS, 70 mW/Ch ADC With JESD204B Interface
More results


Similar Description - ADS52J65

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1723 ADVANTECH-PCI-1723 Datasheet
592Kb / 1P
16-bit, 8-ch Analog Output PCI Card with 16-ch Digital I/O
logo
List of Unclassifed Man...
CPCI-6208 ETC2-CPCI-6208 Datasheet
654Kb / 1P
8/16-CH 16-Bit Analog Output Cards
logo
Advantech Co., Ltd.
PCI-1723 ADVANTECH-PCI-1723_15 Datasheet
351Kb / 1P
16-bit, 8-ch Analog Output PCI Card with 16-ch Digital I/O
DMU-3010 ADVANTECH-DMU-3010_15 Datasheet
248Kb / 1P
8-ch AI, 8-ch DI, 4-ch DO Ethernet I/O Module
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
8-Ch, 24-Bit Simultaneous Sampling ADC
Rev. PrC
logo
Vishay Siliconix
DG506AMIL VISHAY-DG506AMIL Datasheet
142Kb / 9P
Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
21-Feb-00
logo
Texas Instruments
ADS52J65 TI1-ADS52J65 Datasheet
755Kb / 10P
8-Channel, 16-Bit, 125-MSPS, 70 mW/Ch ADC With JESD204B Interface
ADS52J65 TI-ADS52J65_V01 Datasheet
1Mb / 12P
ADS52J65 8-Channel, 16-Bit, 125-MSPS, 70-mW/Ch ADC With JESD204B Interface
logo
Vishay Siliconix
DG506A_MIL VISHAY-DG506A_MIL_V01 Datasheet
142Kb / 9P
Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
21-Feb-00
logo
Advantech Co., Ltd.
IDAQ-841 ADVANTECH-IDAQ-841 Datasheet
182Kb / 1P
8-ch, 16-bit, 1MS/s/ch Analog Input iDAQ Module
8-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com