Electronic Components Datasheet Search
  English  ▼

X  

ADS52J65 Datasheet (PDF) - Texas Instruments

ADS52J65 Datasheet PDF - Texas Instruments
Part # ADS52J65
Download  ADS52J65 Download
File Size   856.61 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS52J65 8-Channel, 16-Bit, 125-MSPS, 70-mW/Ch ADC With JESD204B Interface

ADS52J65 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS52J65 Datasheet PDF - Texas Instruments

Part # ADS52J65
Download  ADS52J65 Click to download

File Size   856.61 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS52J65 8-Channel, 16-Bit, 125-MSPS, 70-mW/Ch ADC With JESD204B Interface

ADS52J65 Datasheet (HTML) - Texas Instruments


ADS52J65 Product details

1 Features
1• 16-Bit Resolution, Idle SNR: 80 dBFS
• 70 mW/Ch at 125 MSPS, 4-CH per Lane
• 45 mW/Ch at 62.5 MSPS, 8-CH per Lane
• Full-Scale Input: 2 VPP
• Full-Scale SNR: 78 dBFS at fin = 10 MHz
• Full-Scale SFDR: –85 dBc at fin = 10 MHz
• Analog Input –3 dB Bandwidth = 250 MHz
• Maximum Input Signal Frequency for 2 VPP Input
= 130 MHz
• Fast and Consistent Overload Recovery
• Advanced Digital Features
– Automatic DC Offset Correction
– Digital Average
• Digital I/Q Demodulator
– Fractional Decimation Filter M = 1 to 63 With
Increments of 0.25
– Data Output Rate Reduction After Decimation
– 64 mW/Ch at 80 MSPS and Decimation = 2
– On-Chip RAM With 32 Preset Profiles
• JESD204B Subclass 0, 1, and 2
– 2, 4, or 8 Channels per JESD Lane
– 10-Gbps JESD Interface
– Supports lane rate up to 12.8 Gbps for short
trace length (< 5 Inch)
• 64-Pin Non-Magnetic 9 × 9-mm Package

2 Applications
• Medical Imaging: Ultrasound, MRI
• High Frequency Ultrasound
• Non-Destructive Tests (NDT)
• Radar, Lidar, and Spectroscopy
• Digital Oscillscopes and Data Acquistion
• Flow cytometry, flow cytometer, Hematology
analyzer

3 Description
The 8-channel, 16-bit ADS52J65 analog-to-digital
converter (ADC) uses CMOS process and innovative
circuit techniques. It is designed to operate at low
power and give very high signal-to-noise ratio (SNR)
performance with a 2-Vpp full-scale input. The device
gives 80-dBFS idle SNR and 78-dBFS full-scale SNR
at 5 MHz. The large input bandwidth of 250 MHz
makes the device suitable for a wide range of
applications, such as high frequency medical
ultrasound, magnetic resonance imaging, multichannel
data acquisition, flow cytometry, flow
cytometer, and hematology analyzer. The ADC
integrates an internal reference trimmed to match
across devices.
ADS52J65 has advanced digital features, including a
digital I/Q demodulator with fractional decimation
filter. The ADC data from each channel is encoded
using an 8B to 10B format and is sent as a SerDes
data stream using current-mode logic (CML) output
buffers, as per the JESD204B standard. The ADC
data from all eight channels can be output over a
single CML buffer (1-lane SerDes) with the data rate
limited to a maximum of 12.8 Gbps. Using SerDes
outputs reduces the number of interface lines. This,
together with the low-power design, enables eight
channels to be packaged in a 9-mm × 9-mm VQFN
allowing high system integration densities. ADS52J65
also supports modes where all ADC data is sent over
four CML buffers (4-Lane SerDes), reducing the
SerDes data rate per lane for low-cost FPGAs.
The ADS52J65 is available in a non-magnetic VQFN
package that does not create any magnetic artifact.
The device is specified over –40°C to +85°C.




Similar Part No. - ADS52J65

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS52J65 TI1-ADS52J65 Datasheet
755Kb / 10P
8-Channel, 16-Bit, 125-MSPS, 70 mW/Ch ADC With JESD204B Interface
ADS52J65 TI-ADS52J65 Datasheet
1Mb / 12P
ADS52J65 8-Channel, 16-Bit, 125-MSPS, 70-mW/Ch ADC With JESD204B Interface
ADS52J65 TI2-ADS52J65 Datasheet
1Mb / 13P
ADS52J6x, 8/4-Channel, 16/14-Bit, 125MSPS, 70mW/Ch for 8-CH ADC With JESD204B Interface
REVISED SEPTEMBER 2025
ADS52J65 TI2-ADS52J65 Datasheet
1Mb / 14P
ADS52J6x, 8/4-Channel, 16/14-Bit, 125MSPS, 70mW/Ch for 8-CH ADC With JESD204B Interface
REVISED SEPTEMBER 2025
ADS52J65IRGCR TI1-ADS52J65IRGCR Datasheet
755Kb / 10P
8-Channel, 16-Bit, 125-MSPS, 70 mW/Ch ADC With JESD204B Interface
More results


Similar Description - ADS52J65

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
logo
NXP Semiconductors
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Texas Instruments
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
ADS52J65 TI1-ADS52J65 Datasheet
755Kb / 10P
8-Channel, 16-Bit, 125-MSPS, 70 mW/Ch ADC With JESD204B Interface
ADS52J65 TI-ADS52J65_V01 Datasheet
1Mb / 12P
ADS52J65 8-Channel, 16-Bit, 125-MSPS, 70-mW/Ch ADC With JESD204B Interface
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com