Electronic Components Datasheet Search
  English  ▼

X  

ESD851 Datasheet (PDF) - Texas Instruments

ESD851 Datasheet PDF - Texas Instruments
Part # ESD851
Download  ESD851 Download
File Size   1033.18 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD851-Q1 36V Automotive Bidirectional ESD Protection Diode in SOD-323

ESD851 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD851 Datasheet PDF - Texas Instruments

Part # ESD851
Download  ESD851 Click to download

File Size   1033.18 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD851-Q1 36V Automotive Bidirectional ESD Protection Diode in SOD-323

ESD851 Datasheet (HTML) - Texas Instruments


ESD851 Product details

1 Features
• ISO 10605 (330pF, 330Ω) ESD protection:
– ±27kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection:
– 6.5A (8/20μs)
– Clamping voltage: 71V at 6.5A (8/20μs)
• IO Capacitance: 4.3pF (typical)
• Ultra low leakage current: 10nA (maximum)
• ESD clamping voltage: 56V at 16A TLP
• Industrial temperature range: -55°C to +150°C
• AEC-Q101 qualified
• Industry standard SOD-323 leaded package
(2.65mm × 1.3mm)

2 Applications
• I/O Protection
• Body Electronics & Lighting
• Hybrid, Electric, & Powertrain Systems

3 Description
The ESD851-Q1 is a bidirectional ESD protection
diode designed for clamping harmful transients such
as ESD and surge. The ESD851-Q1 is rated to
dissipate ESD strikes up to ±30kV (contact and air
gap discharge), which exceeds the maximum level
specified in the IEC 61000-4-2 international standard
(Level 4). For surges, the device can clamp 8/20μs
surges with peak currents up to 6.5A in accordance
with the IEC 61000-4-5 standard.
This device also features a 4.3pF (typical) IO
capacitance enabling it to protect data lines. The
low dynamic resistance and low clamping voltage
provides system level protection against transient
events.
The ESD851-Q1 is offered in the industry
standard, leaded SOD-323 package to enable easy
solderability.




Similar Part No. - ESD851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD851 TI1-ESD851 Datasheet
1Mb / 17P
ESD851 36V Bidirectional ESD Protection Diode in SOD-323
AUGUST 2024
ESD851 TI-ESD851 Datasheet
1Mb / 18P
ESD851-Q1 36V Automotive Bidirectional ESD Protection Diode in SOD-323
DECEMBER 2024
ESD851 TI2-ESD851 Datasheet
1Mb / 18P
ESD851 36V Bidirectional ESD Protection Diode in SOD-323
AUGUST 2024
ESD851 TI2-ESD851 Datasheet
1Mb / 18P
ESD851-Q1 36V Automotive Bidirectional ESD Protection Diode in SOD-323
DECEMBER 2024
ESD851-Q1 TI-ESD851-Q1 Datasheet
1Mb / 18P
ESD851-Q1 36V Automotive Bidirectional ESD Protection Diode in SOD-323
DECEMBER 2024
More results


Similar Description - ESD851

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SD05T1 SANYO-SD05T1_12 Datasheet
58Kb / 4P
Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
logo
Vishay Siliconix
VLIN1626-02G VISHAY-VLIN1626-02G Datasheet
107Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
23-Feb-16
VLIN2626-02G VISHAY-VLIN2626-02G Datasheet
101Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
23-Feb-16
logo
Microdiode Semiconducto...
GBLC03CI CHENDA-GBLC03CI Datasheet
1Mb / 4P
SOD-323 Plastic-Encapsulate ESD Protection Diodes
logo
Vishay Siliconix
VCUT0714A02V VISHAY-VCUT0714A02V Datasheet
119Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD-523
05-Aug-2020
VLIN2626-02G VISHAY-VLIN2626-02G_V01 Datasheet
114Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
19-Nov-2021
VLIN1626-02G VISHAY-VLIN1626-02G_V01 Datasheet
119Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
19-Nov-2021
VLIN1616-02G VISHAY-VLIN1616-02G_V01 Datasheet
114Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode in SOD-323
19-Nov-2021
VCUT0714A02V VISHAY-VCUT0714A02V_V01 Datasheet
118Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD-523
05-Aug-2020
logo
Texas Instruments
TSD05C TI-TSD05C Datasheet
1Mb / 17P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com