Electronic Components Datasheet Search
  English  ▼

X  

ESD851 Datasheet (PDF) - Texas Instruments

ESD851 Datasheet PDF - Texas Instruments
Part # ESD851
Download  ESD851 Download
File Size   1033.31 Kbytes
Page   18 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD851-Q1 36V Automotive Bidirectional ESD Protection Diode in SOD-323

ESD851 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD851 Datasheet PDF - Texas Instruments

Part # ESD851
Download  ESD851 Click to download

File Size   1033.31 Kbytes
Page   18 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ESD851-Q1 36V Automotive Bidirectional ESD Protection Diode in SOD-323

ESD851 Datasheet (HTML) - Texas Instruments


ESD851 Product details

1 Features
• ISO 10605 (330pF, 330Ω) ESD protection:
– ±27kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection:
– 6.5A (8/20μs)
– Clamping voltage: 71V at 6.5A (8/20μs)
• IO Capacitance: 4.3pF (typical)
• Ultra low leakage current: 10nA (maximum)
• ESD clamping voltage: 56V at 16A TLP
• Industrial temperature range: -55°C to +150°C
• AEC-Q101 qualified
• Industry standard SOD-323 leaded package
(2.65mm × 1.3mm)

2 Applications
• I/O Protection
• Body Electronics & Lighting
• Hybrid, Electric, & Powertrain Systems

3 Description
The ESD851-Q1 is a bidirectional ESD protection
diode designed for clamping harmful transients such
as ESD and surge. The ESD851-Q1 is rated to
dissipate ESD strikes up to ±30kV (contact and air
gap discharge), which exceeds the maximum level
specified in the IEC 61000-4-2 international standard
(Level 4). For surges, the device can clamp 8/20μs
surges with peak currents up to 6.5A in accordance
with the IEC 61000-4-5 standard.
This device also features a 4.3pF (typical) IO
capacitance enabling it to protect data lines. The
low dynamic resistance and low clamping voltage
provides system level protection against transient
events.
The ESD851-Q1 is offered in the industry
standard, leaded SOD-323 package to enable easy
solderability.




Similar Part No. - ESD851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD851 TI1-ESD851 Datasheet
1Mb / 17P
ESD851 36V Bidirectional ESD Protection Diode in SOD-323
AUGUST 2024
ESD851 TI2-ESD851 Datasheet
1Mb / 18P
ESD851 36V Bidirectional ESD Protection Diode in SOD-323
AUGUST 2024
ESD851 TI2-ESD851 Datasheet
1Mb / 18P
ESD851-Q1 36V Automotive Bidirectional ESD Protection Diode in SOD-323
DECEMBER 2024
ESD851 TI2-ESD851 Datasheet
1Mb / 18P
ESD851-Q1 36V Automotive Bidirectional ESD Protection Diode in SOD-323
DECEMBER 2024
ESD851-Q1 TI2-ESD851-Q1 Datasheet
1Mb / 18P
ESD851-Q1 36V Automotive Bidirectional ESD Protection Diode in SOD-323
DECEMBER 2024
More results


Similar Description - ESD851

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SD05T1 SANYO-SD05T1_12 Datasheet
58Kb / 4P
Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
logo
Vishay Siliconix
VLIN1626-02G VISHAY-VLIN1626-02G Datasheet
107Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
23-Feb-16
VLIN2626-02G VISHAY-VLIN2626-02G Datasheet
101Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
23-Feb-16
logo
Microdiode Semiconducto...
GBLC03CI CHENDA-GBLC03CI Datasheet
1Mb / 4P
SOD-323 Plastic-Encapsulate ESD Protection Diodes
logo
Vishay Siliconix
VCUT0714A02V VISHAY-VCUT0714A02V Datasheet
119Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD-523
05-Aug-2020
VLIN2626-02G VISHAY-VLIN2626-02G_V01 Datasheet
114Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
19-Nov-2021
VLIN1626-02G VISHAY-VLIN1626-02G_V01 Datasheet
119Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
19-Nov-2021
VLIN1616-02G VISHAY-VLIN1616-02G_V01 Datasheet
114Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode in SOD-323
19-Nov-2021
VCUT0714A02V VISHAY-VCUT0714A02V_V01 Datasheet
118Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD-523
05-Aug-2020
logo
Texas Instruments
TSD05C TI-TSD05C Datasheet
1Mb / 17P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com