Electronic Components Datasheet Search
  English  ▼

X  

XL9535D Datasheet (PDF) - Shenzhen Xinluda Information Technology Co., Ltd

XL9535D Datasheet PDF - Shenzhen Xinluda Information Technology Co., Ltd
Part # XL9535D
Download  XL9535D Download
File Size   581.54 Kbytes
Page   25 Pages
Manufacturer  XINLUDA [Shenzhen Xinluda Information Technology Co., Ltd]
Direct Link  https://www.xinluda.com/en/
Logo XINLUDA - Shenzhen Xinluda Information Technology Co., Ltd
Description 16-bit I2C-bus and SMBus I/O port Expander With Interrupt Output and Configuration Registers

XL9535D Datasheet (PDF)

Go To PDF Page Download Datasheet
XL9535D Datasheet PDF - Shenzhen Xinluda Information Technology Co., Ltd

Part # XL9535D
Download  XL9535D Click to download

File Size   581.54 Kbytes
Page   25 Pages
Manufacturer  XINLUDA [Shenzhen Xinluda Information Technology Co., Ltd]
Direct Link  https://www.xinluda.com/en/
Logo XINLUDA - Shenzhen Xinluda Information Technology Co., Ltd
Description 16-bit I2C-bus and SMBus I/O port Expander With Interrupt Output and Configuration Registers

XL9535D Datasheet (HTML) - Shenzhen Xinluda Information Technology Co., Ltd


XL9535D Product details

DESCRIPTION
This device (XL9535/XL9555) is a 24-pin CMOS IC that provides 16-bit of General Purpose parallel
Input/Output (GPIO) expansion for most micro-controller families via the I2C-bus/SMBus interface
[serial clock line (SCL), serial data line (SDA)]. These device is designed for 2.3-V to 5.5-V VCC
operation. The improvements include higher drive capability, 5 V I/O tolerance, lower supply
current, individual I/O configuration, and smaller packaging. I/O expanders provide a simple
solution when additional I/O is needed for ACPI power switches, sensors, push buttons, LEDs, fans,
etc.
These device consists of two 8-bit Configuration (Input or Output selection); Input Port, Output Port
and Polarity Inversion (active-HIGH or active-LOW operation) registers. At power on, the I/Os are
configured as inputs. The system master can enable the I/Os as either inputs or outputs by writing
to the I/O configuration bits. The data for each Input or Output is kept in the corresponding Input or
Output register. The polarity of the Input Port register can be inverted with the Polarity Inversion
register. All registers can be read by the system master.
These device open-drain interrupt (INT) output is activated when any input state differs from its
corresponding Input Port register state and is used to indicate to the system master that an input
state has changed. The system master can reset these device in the event of a timeout or other
improper operation by utilizing the power-on reset feature. The power-on reset sets the registers to
their default values and initializes the I2C/SMBus state machine. Three hardware address pins (A0,
A1 and A2) vary the fixed I2C-bus address and allow up to eight devices to share the same
I
2C-bus/SMBus.

FEATURES
l I
2C-bus to 16-bit GPIO expander
l Operating power supply voltage range of
2.3-V to 5.5-V
l Low standby current consumption
l 5 V tolerant I/O ports
l 400 kHz fast-mode I2C-bus clock
frequency
l Noise filter on SCL/SDA inputs
l Internal power-on reset
l No glitch on power-up
l Polarity Inversion register
l Address by 3 hardware address pins for
use of up to 8 devices
l Open-drain active LOW interrupt output
l 16 I/O pins which default to 16 inputs
l Latch-up testing exceeds 100 mA per JESD
78
l ESD protection exceeds JESD 22
2000 V HBM, 200 V MM and 1000 V CDM




Similar Part No. - XL9535D

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL9004 XLSEMI-XL9004 Datasheet
758Kb / 13P
2.0A 200KHz 50V Synchronous Buck DC to DC Converter With CV/CC Loop
Rev 1.1
XL9004E1 XLSEMI-XL9004E1 Datasheet
758Kb / 13P
2.0A 200KHz 50V Synchronous Buck DC to DC Converter With CV/CC Loop
Rev 1.1
logo
List of Unclassifed Man...
XL9020 ETC-XL9020 Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
XL9020F ETC-XL9020F Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
XL9020P ETC-XL9020P Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
More results


Similar Description - XL9535D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCAL6416 TI-TCAL6416_V02 Datasheet
2Mb / 51P
TCAL6416 16-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED SEPTEMBER 2022
TCAL6416 TI-TCAL6416_V03 Datasheet
2Mb / 53P
TCAL6416 16-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED APRIL 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com