Electronic Components Datasheet Search
  English  ▼

X  

XL9004 Datasheet (PDF) - XLSEMI

XL9004 Datasheet PDF - XLSEMI
Part # XL9004
Download  XL9004 Download
File Size   758.03 Kbytes
Page   13 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 2.0A 200KHz 50V Synchronous Buck DC to DC Converter With CV/CC Loop

XL9004 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL9004 Datasheet PDF - XLSEMI

Part # XL9004
Download  XL9004 Click to download

File Size   758.03 Kbytes
Page   13 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 2.0A 200KHz 50V Synchronous Buck DC to DC Converter With CV/CC Loop

XL9004 Datasheet (HTML) - XLSEMI


XL9004 Product details

Features
 Operation Voltage:5V~45V
 Output Adjustable from 1.25V to 40V
 Maximum Duty Cycle up to 100%
 Feedback Voltage Accuracy ±2%
 Fixed 200KHz Switching Frequency
 2.0A Constant Output Current Capability
 Internal Optimize Power MOSFET
 High efficiency up to 95%
 Max. Output power up to 12W
 Excellent line and load regulation
 Built in thermal shutdown function
 Built in current limit protection function
 Built in output short protection function
 Built in constant voltage loop and
constant current loop
 Temperature Grade 1: -40℃ to 125℃
Ambient Operating Temperature Range
 Device HBM ESD Classification Level
Class3A
 Available in SOP8-EPpackage

General Description
The XL9004 is a 200KHz fixed frequency
PWM synchronous buck DC/DC converter,
capable of driving a 2.0A load with high
efficiency, low ripple and excellent line and
load regulation. XL9004 supports wide input
operating voltage range of 5V ~ 45V and a
maximum duty cycle of 100% output. Output
supports constant voltage loop and constant
current loop. A built-in loop compensation
module reduces components in the system,
lowering power system cost and reducing
printed circuit board space. The XL9004 has
built-in thermal shutdown, current limit
protection and output short protection
function and so on. When the output short
protection function happens, the operation
frequency will be reduced about from
200KHz to 30KHz.

Applications
 Automotive Electronics
 Industrial Control
 Networking Equipment
 Internet of Things




Similar Part No. - XL9004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL9020 ETC-XL9020 Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
XL9020F ETC-XL9020F Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
XL9020P ETC-XL9020P Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
logo
XLSEMI
XL9023 XLSEMI-XL9023 Datasheet
758Kb / 14P
4A 120KHz 45V Synchronous Buck DC to DC Converter
Rev 1.1
XL9026 XLSEMI-XL9026 Datasheet
762Kb / 14P
6A 120KHz 50V Synchronous Buck DC to DC Converter
Rev 1.0
More results


Similar Description - XL9004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL2009 ETC2-XL2009 Datasheet
243Kb / 9P
3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
E-CMOS Corporation
EC9302 E-CMOS-EC9302 Datasheet
579Kb / 8P
38V Synchronous Buck Converter With CC/CV
logo
XLSEMI
XL2009 XLSEMI-XL2009 Datasheet
183Kb / 9P
3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
Shenzhen Huazhimei Semi...
HM3108 HMSEMI-HM3108 Datasheet
651Kb / 9P
3.5A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
HM3109 HMSEMI-HM3109 Datasheet
562Kb / 9P
3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop HM3109
logo
Major-Power Technology ...
MA5624 MPOWER-MA5624 Datasheet
167Kb / 2P
30V Synchronous Buck Converter with 2ch CC/CV
MA5625 MPOWER-MA5625 Datasheet
166Kb / 2P
40V Synchronous Buck Converter with 2ch CC/CV
logo
AiT Semiconductor Inc.
A7330 AITSEMI-A7330 Datasheet
665Kb / 14P
DC-DC CONVERTER BUCK (STEP-DOWN) SENSORLESS CC/CV
REV2.0
A7431 AITSEMI-A7431 Datasheet
562Kb / 15P
DC-DC CONVERTER BUCK (STEP-DOWN) 42V 3A CC/CV
REV1.1
logo
Major-Power Technology ...
MA5608 MPOWER-MA5608 Datasheet
260Kb / 2P
40V5A Synchronous Buck Converter With 2CH CC/CV
Rev.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com