Electronic Components Datasheet Search
  English  ▼

X  

ADS1259 Datasheet (PDF) - Texas Instruments

ADS1259 Datasheet PDF - Texas Instruments
Part # ADS1259
Download  ADS1259 Download
File Size   970.86 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier

ADS1259 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1259 Datasheet PDF - Texas Instruments

Part # ADS1259
Download  ADS1259 Click to download

File Size   970.86 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier

ADS1259 Datasheet (HTML) - Texas Instruments


ADS1259 Product details

1 Features
1• Wide input range: ±15.5 V at ±18-V supply
• Binary gain steps: 128V/V to 1/8 V/V
• Additional scaling factor: 1 V/V and 1⅜ V/V
• Low offset voltage: 3 μV at G = 128
• Near-zero long-term drift of offset voltage
• Near-zero gain drift: 0.5 ppm/°C
• Excellent linearity: 1.5 ppm
• Excellent CMRR: 140 dB
• High input impedance
• Very low 1/f noise
• Differential signal output
• Overload detection
• Input configuration switch matrix
• Wire break test current
• Expandable SPI™ with checksum
• General-purpose I/O port
• TSSOP-24 package

2 Applications
• Analog input module
• Data acquisition (DAQ)
• Aircraft engine control
• Battery test

3 Description
The PGA280 is a high-precision instrumentation
amplifier with digitally-controllable gain and signal
integrity test capability. This device offers low offset
voltage, near-zero offset and gain drift, excellent
linearity, and nearly no 1/f noise with superior
common-mode and supply rejection to support highresolution
precision measurement. The 36-V supply
capability and wide, high-impedance input range
comply with requirements for universal signal
measurement.
Special circuitry prevents inrush currents from
multiplexer (MUX) switching. In addition, the input
switch matrix enables easy reconfiguration and
system-level diagnostics—overload conditions are
indicated.
The configurable general-purpose input/output
(GPIO) offers several control and communication
features. The SPI can be expanded to communicate
with more devices, supporting isolation with only four
ISO couplers. The PGA280 is available in a TSSOP-
24 package and is specified from –40°C to +105°C.
For all available packages, see the package option
addendum at the end of the data sheet.




Similar Part No. - ADS1259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI-ADS1259 Datasheet
574Kb / 45P
Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259 Datasheet
1Mb / 48P
Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259 Datasheet
957Kb / 49P
Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI2-ADS1259 Datasheet
359Kb / 17P
ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
MARCH 2014
ADS1259 TI2-ADS1259 Datasheet
878Kb / 51P
Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
REVISED AUGUST 2011
More results


Similar Description - ADS1259

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
Programmable Gain Instrumentation Amplifier
REV.D
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
PGA281 TI-PGA281 Datasheet
2Mb / 32P
Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
logo
Analog Devices
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA280 TI-PGA280_15 Datasheet
1Mb / 46P
Zer첩-Drift, High-Voltage,Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
ADA4255 AD-ADA4255 Datasheet
4Mb / 64P
Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
7/2021-Revision 0
ADA4254 AD-ADA4254 Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com