Electronic Components Datasheet Search
  English  ▼

X  

ADS1259 Datasheet (PDF) - Texas Instruments

ADS1259 Datasheet PDF - Texas Instruments
Part # ADS1259
Download  ADS1259 Download
File Size   878.53 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference

ADS1259 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1259 Datasheet PDF - Texas Instruments

Part # ADS1259
Download  ADS1259 Click to download

File Size   878.53 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference

ADS1259 Datasheet (HTML) - Texas Instruments


ADS1259 Product details

1FEATURES
23• 24 Bits, No Missing Codes
• Output Data Rates From 10 To 14kSPS
• High Performance:
– INL: 0.4ppm
– Reference Drift: 2ppm/°C
– Gain Drift: 0.5ppm/°C
– Offset Drift: 0.05μV/°C
– Noise: 0.7μVRMS at 60SPS
• Simultaneous 50/60Hz Rejection at 10SPS
• Single-Cycle Settling
• Internal Oscillator
• Out-of-Range Detection
• Readback Data Integrity by Checksum and
Redundant Data Read Capability
• SPI™-Compatible Interface
• Analog Supply: +5V or ±2.5V
• Digital Supply: +2.7V to +5V
• Low Power: 13mW

APPLICATIONS
• Industrial Process Control
• Scientific Instrumentation
• Test and Measurement

DESCRIPTION
The ADS1259 is a high-linearity, low-drift, 24-bit,
analog-to-digital converter (ADC) designed for the
needs of industrial process control, precision
instrumentation, and other exacting applications.
Combined with a signal amplifier (such as the
PGA280), a high-resolution, high-accuracy measurement system is formed that is capable of
digitizing a wide range of signals.
The converter uses a fourth-order, inherently stable,
delta-sigma (ΔΣ) modulator that provides outstanding
noise and linearity performance. The data rates are
programmable up to 14kSPS including 10SPS, 50SPS, and 60SPS that provide excellent normal
mode line-cycle rejection. The digital filter can be
programmed for a fast settling mode where the
conversions settle in a single cycle, or programmed
for a high line-cycle rejection mode. A fast responding input over-range detector flags the conversion data if
an input over-range should occur.
The ADS1259 also provides an integrated low-noise,
very low drift 2.5V reference. The on-chip oscillator,
an external crystal, or an external clock can by used
as the ADC clock source.
Data and control communication are handled over a
4MHz, SPI-compatible interface capable of operating
with a minimum of three wires. Data integrity is
augmented by data bytes checksum and redundant
data read capability. Conversions are synchronized
either by command or by pin.
Dissipating only 13mW in operation, the ADS1259
can be powered down, dissipating less than 25μW.
The ADS1259 is offered in a TSSOP-20 package and
is fully specified from –40°C to +105°C.




Similar Part No. - ADS1259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI-ADS1259 Datasheet
574Kb / 45P
Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259 Datasheet
1Mb / 48P
Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259 Datasheet
957Kb / 49P
Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI2-ADS1259 Datasheet
359Kb / 17P
ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
MARCH 2014
ADS1259 TI2-ADS1259 Datasheet
970Kb / 49P
PGA280 Zerø-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
REVISED MARCH 2020
More results


Similar Description - ADS1259

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
Low-Power, 24-Bit Analog-to-Digital Converter
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1259 TI-ADS1259 Datasheet
574Kb / 45P
Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259_12 Datasheet
1Mb / 48P
Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259_14 Datasheet
957Kb / 49P
Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
Low-Power, 24-Bit Analog-to-Digital Converter`
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com