Electronic Components Datasheet Search
  English  ▼

X  

OPA2822 Datasheet (PDF) - Texas Instruments

OPA2822 Datasheet PDF - Texas Instruments
Part # OPA2822
Download  OPA2822 Download
File Size   859.27 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Wideband, Low-Noise Operational Amplifier

OPA2822 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA2822 Datasheet PDF - Texas Instruments

Part # OPA2822
Download  OPA2822 Click to download

File Size   859.27 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual, Wideband, Low-Noise Operational Amplifier

OPA2822 Datasheet (HTML) - Texas Instruments


OPA2822 Product details

FEATURES
LOW INPUT NOISE VOLTAGE: 2.0nV/√Hz
HIGH UNITY GAIN BANDWIDTH: 500MHz
HIGH GAIN BANDWIDTH PRODUCT: 240MHz
HIGH OUTPUT CURRENT: 90mA
SINGLE +5V TO +12V OPERATION
LOW SUPPLY CURRENT: 4.8mA/ch

APPLICATIONS
xDSL DIFFERENTIAL LINE RECEIVERS
HIGH DYNAMIC RANGE ADC DRIVERS
LOW NOISE PLL INTEGRATORS
TRANSIMPEDANCE AMPLIFIERS
PRECISION BASEBAND I/Q AMPLIFIERS
ACTIVE FILTERS

DESCRIPTION
The OPA2822 offers very low 2.0nV/√Hz input noise in a
wideband, unity-gain stable, voltage-feedback architecture.
Intended for xDSL receiver applications, the OPA2822 also
supports this low input noise with exceptionally low harmonic
distortion, particularly in differential configurations. Adequate
output current is provided to drive the potentially heavy load
of a passive filter between this amplifier and the codec.
Harmonic distortion for a 2VPP differential output operating
from +5V to +12V supplies is ≤ –100dBc through 1MHz input
frequencies. Operating on a low 4.8mA/ch supply current,
the OPA2822 can satisfy all xDSL receiver requirements
over a wide range of possible supply voltages—from a single
+5V condition, to ±5V, up to a single +12V design.
General-purpose applications on a single +5V supply will
benefit from the high input and output voltage swing available
on this reduced supply voltage. Low-cost precision integrators
for PLLs will also benefit from the low voltage noise and
offset voltage. Baseband I/Q receiver channels can achieve
almost perfect channel match with noise and distortion to
support signals through 5MHz with > 14-bit dynamic range.




Similar Part No. - OPA2822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
509Kb / 33P
350 mA, 짹12 V ADSL CPE LINE DRIVERS
logo
Burr-Brown (TI)
OPA2822 BURR-BROWN-OPA2822 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2822 BURR-BROWN-OPA2822 Datasheet
609Kb / 32P
Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2822 TI-OPA2822 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
More results


Similar Description - OPA2822

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
Texas Instruments
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
Dual, Wideband, Low-Noise Operational Amplifier
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
Low Noise Wideband Operational Amplifier
September 1998
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
Dual, Low Noise, Wideband, Precision Operational Amplifier
September 2001
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
Dual, Wideband, Low-Noise Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com