Electronic Components Datasheet Search
  English  ▼

X  

HA-5222 Datasheet (PDF) - Intersil Corporation

HA-5222 Datasheet PDF - Intersil Corporation
Part # HA-5222
Download  HA-5222 Download
File Size   65.4 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, Low Noise, Wideband, Precision Operational Amplifier

HA-5222 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5222 Datasheet PDF - Intersil Corporation

Part # HA-5222
Download  HA-5222 Click to download

File Size   65.4 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual, Low Noise, Wideband, Precision Operational Amplifier

HA-5222 Datasheet (HTML) - Intersil Corporation


HA-5222 Product details

Description

The HA-5222/883 is a dual, high performance, dielectrically isolated, monolithic op amp, featuring precision DC characteristics while providing excellent AC characteristics. Designed for audio, video, and other demanding applications, noise (3.3nV/√Hzat 1kHz typ), total harmonic distortion (<0.005% typ), and DC errors are kept to a minimum.



Features

• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of

Paragraph 1.2.1.

• Gain Bandwidth Product . . . . . . . . . . . . . .100MHz (Min)

• Unity Gain Bandwidth . . . . . . . . . . . . . . . . .30MHz (Min)

                                                          40MHz (Typ)

• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . .25V/µs (Min)

                                                          37V/µs (Typ)

• Low Offset Voltage. . . . . . . . . . . . . . . . . . .0.75mV (Max)

                                                          0.30mV (Typ)

• High Open Loop Gain . . . . . . . . . . . . . . . . . 106dB (Min)

                                                          128dB (Typ)

• Channel Separation (at 10kHz) . . . . . . . . . . 110dB (Typ)

• Low Voltage Noise (at 1kHz) . . . . . . . . .5.9nV/√Hz(Max)

                                                          3.3nV/√Hz(Typ)

• Low Current Noise (at 1kHz) . . . . . . . .  2.7pA/√Hz(Max)

                                                          1.3pA/√Hz(Typ)

• High Output Current . . . . . . . . . . . . . . . . . ±30mA (Min)

                                                          ±56mA (Typ)

• Low Supply Current (per Op Amp.) . . . . . . 10mA (Max)

                                                          8mA (Typ)



Applications

• Precision Test Systems

• Active Filtering

• Small Signal Video

• Accurate Signal Processing

• RF Signal Conditioning




Similar Part No. - HA-5222

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
Dual, Low Noise, Wideband, Precision Operational Amplifier
September 2001
More results


Similar Description - HA-5222

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
Dual, Wideband, Low-Noise Operational Amplifier
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Intersil Corporation
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
Low Noise, Wideband, Precision Operational Amplifier
October 1999
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
Low Noise Wideband Operational Amplifier
September 1998
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
Dual, Low Noise, Wideband, Precision Operational Amplifier
September 2001
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
Single/Dual Ultra Low Noise Wideband Operational Amplifier
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
Dual, Wideband, Low-Noise Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com