Electronic Components Datasheet Search
  English  ▼

X  

TMP75-Q1 Datasheet (PDF) - Texas Instruments

TMP75-Q1 Datasheet PDF - Texas Instruments
Part # TMP75-Q1
Download  TMP75-Q1 Download
File Size   722.76 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout

TMP75-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP75-Q1 Datasheet PDF - Texas Instruments

Part # TMP75-Q1
Download  TMP75-Q1 Click to download

File Size   722.76 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout

TMP75-Q1 Datasheet (HTML) - Texas Instruments


TMP75-Q1 Product details

1 Features
1• AEC-Q100 Qualified with:
– Temperature Grade 1: –40°C to +125°C
Ambient Operation Temperature Range
– HBM ESD Classification Level 2
– CDM ESD Classification Level C6
• TMP175-Q1 Accuracy:
– ±1°C (Typical) from –40°C to +125°C analog–
±2°C (Maximum) from –40°C to +125°C
• TMP75-Q1 Accuracy:
– ±1°C (Typical) from –40°C to +125°C
– ±3°C (Maximum) from –40°C to +125°C
• TMP175-Q1: 27 Addresses
• TMP75-Q1: 8 Addresses, NIST Traceable
• Digital Output: SMBus™, Two-Wire, and I2C
Interface Compatibility
• Resolution: 9 to 12 Bits, User-Selectable
• Low Quiescent Current: 50-μA, 0.1-μA Standby
• Wide Supply Range: 2.7 V to 5.5 V
• Small 8-Pin VSSOP and 8-Pin SOIC Packages

2 Applications
• Climate Controls
• Infotainment Processor Management
• Airflow Sensors
• Battery Control Units
• Engine Control Units
• UREA Sensors
• Water Pumps
• HID Lamps
• Airbag Control Units

3 Description
The TMP75-Q1 and TMP175-Q1 devices are digital
temperature sensors ideal for negative temperature coefficient (NTC) and positive temperature coefficient
(PTC) thermistor replacement. The devices offer a
typical accuracy of ±1°C without requiring calibration
or external component signal conditioning. Device
temperature sensors are highly linear and do not require complex calculations or look-up tables to
derive the temperature. The on-chip, 12-bit, analog–
to-digital converter (ADC) offers resolutions down to
0.0625°C. The devices are available in the industry- standard, LM75, 8-pin SOIC and VSSOP footprint.
The TMP175-Q1 and TMP75-Q1 feature SMBus, two-wire, and I2C interface compatibility. The
TMP175-Q1 device allows up to 27 devices on one
bus. The TMP75-Q1 allows up to eight devices on
one bus. The TMP175-Q1 and TMP75-Q1 both
feature an SMBus alert function.
The TMP175-Q1 and TMP75-Q1 devices are ideal for
extended temperature measurement in a variety of communication, computer, consumer, environmental,
industrial, and instrumentation applications. The
TMP75-Q1 production units are 100% tested against
sensors that are NIST-traceable and are verified with
equipment that are NIST-traceable through ISO/IEC 17025 accredited calibrations.
The TMP175-Q1 and TMP75-Q1 devices are specified for operation over the temperature range of
–40°C to +125°C.




Similar Part No. - TMP75-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75-Q1 TI1-TMP75-Q1 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP75-Q1 TI-TMP75-Q1 Datasheet
755Kb / 33P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
NOVEMBER 2015
TMP75-Q1 TI2-TMP75-Q1 Datasheet
1Mb / 35P
TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
REVISED DECEMBER 2020
More results


Similar Description - TMP75-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP175-Q1 TI1-TMP175-Q1 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
logo
Delta Electronics, Inc.
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
Industry standard footprint and pinout
logo
Texas Instruments
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com