Electronic Components Datasheet Search
  English  ▼

X  

TMP75-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMP75-Q1 Datasheet PDF - Texas Instruments
Part # TMP75-Q1
Download  TMP75-Q1 Download
File Size   755.27 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout

TMP75-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP75-Q1 Datasheet PDF - Texas Instruments

Part # TMP75-Q1
Download  TMP75-Q1 Click to download

File Size   755.27 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout

TMP75-Q1 Datasheet (HTML) - Texas Instruments


TMP75-Q1 Product details

1 Features
1• AEC-Q100 Qualified with:
– Temperature Grade 1: –40°C to +125°C
Ambient Operation Temperature Range
– HBM ESD Classification Level 2
– CDM ESD Classification Level C6
• TMP175-Q1 Accuracy:
– ±1°C (Typical) from –40°C to +125°C
±2°C (Maximum) from –40°C to +125°C
• TMP75-Q1 Accuracy:
– ±1°C (Typical) from –40°C to +125°C
– ±3°C (Maximum) from –40°C to +125°C
• TMP175-Q1: 27 Addresses
• TMP75-Q1: 8 Addresses, NIST Traceable
• Digital Output: SMBus™, Two-Wire, and I2C
Interface Compatibility
• Resolution: 9 to 12 Bits, User-Selectable
• Low Quiescent Current: 50-μA, 0.1-μA Standby
• Wide Supply Range: 2.7 V to 5.5 V
• Small 8-Pin VSSOP and 8-Pin SOIC Packages

2 Applications
• Climate Controls
• Infotainment Processor Management
• Airflow Sensors
• Battery Control Units
• Engine Control Units
• UREA Sensors
• Water Pumps
• HID Lamps
• Airbag Control Units

3 Description
The TMP75-Q1 and TMP175-Q1 devices are digital
temperature sensors ideal for negative temperature coefficient (NTC) and positive temperature coefficient
(PTC) thermistor replacement. The devices offer a
typical accuracy of ±1°C without requiring calibration
or external component signal conditioning. Device
temperature sensors are highly linear and do not require complex calculations or look-up tables to
derive the temperature. The on-chip, 12-bit, analog–
to-digital converter (ADC) offers resolutions down to
0.0625°C. The devices are available in the industry- standard, LM75, 8-pin SOIC and VSSOP footprint.
The TMP175-Q1 and TMP75-Q1 feature SMBus, two-wire, and I2C interface compatibility. The
TMP175-Q1 device allows up to 27 devices on one
bus. The TMP75-Q1 allows up to eight devices on
one bus. The TMP175-Q1 and TMP75-Q1 both
feature an SMBus alert function.
The TMP175-Q1 and TMP75-Q1 devices are ideal for
extended temperature measurement in a variety of communication, computer, consumer, environmental,
industrial, and instrumentation applications. The
TMP75-Q1 production units are 100% tested against
sensors that are NIST-traceable and are verified with
equipment that are NIST-traceable through ISO/IEC 17025 accredited calibrations.
The TMP175-Q1 and TMP75-Q1 devices are specified for operation over the temperature range of
–40°C to +125°C.




Similar Part No. - TMP75-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75-Q1 TI1-TMP75-Q1 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP75-Q1 TI2-TMP75-Q1 Datasheet
722Kb / 33P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
NOVEMBER 2015
TMP75-Q1 TI2-TMP75-Q1 Datasheet
1Mb / 35P
TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
REVISED DECEMBER 2020
More results


Similar Description - TMP75-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP175-Q1 TI1-TMP175-Q1 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
logo
Delta Electronics, Inc.
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
Industry standard footprint and pinout
logo
Texas Instruments
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com