Electronic Components Datasheet Search
  English  ▼

X  

MAX9286 Datasheet (PDF) - Maxim Integrated Products

MAX9286 Datasheet PDF - Maxim Integrated Products
Part # MAX9286
Download  MAX9286 Download
File Size   79.04 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad 1.5Gbps GMSL Deserializer with Coax or STP Input and CSI-2 Output

MAX9286 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9286 Datasheet PDF - Maxim Integrated Products

Part # MAX9286
Download  MAX9286 Click to download

File Size   79.04 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quad 1.5Gbps GMSL Deserializer with Coax or STP Input and CSI-2 Output

MAX9286 Datasheet (HTML) - Maxim Integrated Products


MAX9286 Product details

Description
The MAX9286 Gigabit multimedia serial link (GMSL) deserializer receives data from up to four GMSL serializers over 50Ω coax or 100Ω shielded twisted-pair (STP) cables and output data on four CSI-2 lanes. Each serial link has an embedded control channel operating from 9.6kbps to 1Mbps in UART-to-UART, UART-to-I²C, and I²C-to-I²C mode. Using the control channel, a μC can program the serializers, deserializer, and peripheral device registers at any time, independent of video timing. A maskable broadcast write speeds programming of image sensor registers.
For use with longer cables, the deserializer has a programmable cable equalizer and programmable error detection and correction. The serial input meets ISO 10605 and IEC 61000-4-2 ESD standards. The core supply is 1.7V to 1.9V and the I/O supply is 1.7V to 3.6V.
The device is available in lead(Pb)-free, 56-pin, 8mm x 8mm QFND and TQFN packages with exposed pad and 0.5mm lead pitch.

Key Features
• Ideal for Multicamera Stream Applications
◦ Works with Low-Cost 50Ω Coax Cable and FAKRA Connectors or 100Ω STP
◦ Data from Image Sensors Are Synchronized to the Same Pixel
◦ Automatic Internal/External Generation of Camera Sync
◦ Equalization Allows 15m Length Cable Operation at Full Speed
• Multiple Input/Output Features for System Flexibility
◦ 1 to 4 Lane CSI-2 Output with 80Mbps to 1200Mbps Per Lane
◦ Swappable/Selectable Serial Input/Output with Swappable Polarity
◦ 9.6kbps to 1Mbps Control Channel in UART, Mixed UART/I²C, or I²C Mode with Clock Stretch Capability
• Peripheral Features for System Power-Up and Verification
◦ Built-In PRBS Tester for BER Testing of the Serial Link
◦ Programmable Choice of Nine Default Device Addresses
◦ Two Dedicated GPIO Ports
◦ High-Immunity Mode for Maximum Control-Channel Noise Rejection
• Meets Rigorous Automotive and Industrial Requirements
◦ -40°C to +105°C Operating Temperature
◦ ±8kV Contact, ±20kV Air ISO 10605 and ±8kV Contact, ±12kV IEC 61000-4-2 ESD Protection

Applications/Uses
• 3D Camera Systems
• Machine Vision Systems
• Surround View Camera Systems




Similar Part No. - MAX9286

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX9286GTN AD-MAX9286GTN Datasheet
79Kb / 2P
Quad 1.5Gbps GMSL Deserializer with Coax or STP Input and CSI-2 Output
7/30/2015
More results


Similar Description - MAX9286

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9272 MAXIM-MAX9272 Datasheet
2Mb / 47P
28-Bit GMSL Deserializer for Coax or STP Cable
Rev 0; 6/12
MAX96706 MAXIM-MAX96706 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
Rev 0; 4/16
MAX9288 MAXIM-MAX9288 Datasheet
2Mb / 103P
3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
Rev 4; 3/18
MAX9272A MAXIM-MAX9272A Datasheet
1Mb / 47P
28-Bit GMSL Deserializer for Coax or STP Cable
Rev 0; 5/14
MAX96706 MAXIM-MAX96706_V01 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
19-8248; Rev 2; 11/18
MAX96708 MAXIM-MAX96708_V01 Datasheet
1Mb / 68P
14-Bit GMSL Deserializer with Coax or STP Cable Input
19-7784; Rev 1; 3/17
MAX9276A MAXIM-MAX9276A Datasheet
2Mb / 71P
3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2018
MAX9288 MAXIM-MAX9288_V01 Datasheet
2Mb / 103P
3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
2019
MAX9276 MAXIM-MAX9276_V01 Datasheet
2Mb / 70P
3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2015
MAX96700 MAXIM-MAX96700 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com