Electronic Components Datasheet Search
  English  ▼

X  

MAX9286GTN Datasheet (PDF) - Analog Devices

MAX9286GTN Datasheet PDF - Analog Devices
Part # MAX9286GTN
Download  MAX9286GTN Download
File Size   79.05 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 1.5Gbps GMSL Deserializer with Coax or STP Input and CSI-2 Output

MAX9286GTN Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9286GTN Datasheet PDF - Analog Devices

Part # MAX9286GTN
Download  MAX9286GTN Click to download

File Size   79.05 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 1.5Gbps GMSL Deserializer with Coax or STP Input and CSI-2 Output

MAX9286GTN Datasheet (HTML) - Analog Devices


MAX9286GTN Product details

Description
The MAX9286 Gigabit multimedia serial link (GMSL) deserializer receives data from up to
four GMSL serializers over 50Ω coax or 100Ω shielded twisted-pair (STP) cables and
output data on four CSI-2 lanes. Each serial link has an embedded control channel
operating from 9.6kbps to 1Mbps in UART-to-UART, UART-to-I²C, and I²C-to-I²C mode.
Using the control channel, a μC can program the serializers, deserializer, and peripheral
device registers at any time, independent of video timing. A maskable broadcast write
speeds programming of image sensor registers.
For use with longer cables, the deserializer has a programmable cable equalizer and
programmable error detection and correction. The serial input meets ISO 10605 and IEC
61000-4-2 ESD standards. The core supply is 1.7V to 1.9V and the I/O supply is 1.7V to
3.6V.
The device is available in lead(Pb)-free, 56-pin, 8mm x 8mm QFND and TQFN packages
with exposed pad and 0.5mm lead pitch.




Similar Part No. - MAX9286GTN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9286GTN MAXIM-MAX9286GTN Datasheet
79Kb / 2P
Quad 1.5Gbps GMSL Deserializer with Coax or STP Input and CSI-2 Output
7/30/2015
MAX9286GTN/V MAXIM-MAX9286GTN/V Datasheet
79Kb / 2P
Quad 1.5Gbps GMSL Deserializer with Coax or STP Input and CSI-2 Output
7/30/2015
More results


Similar Description - MAX9286GTN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9272 MAXIM-MAX9272 Datasheet
2Mb / 47P
28-Bit GMSL Deserializer for Coax or STP Cable
Rev 0; 6/12
MAX96706 MAXIM-MAX96706 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
Rev 0; 4/16
MAX9288 MAXIM-MAX9288 Datasheet
2Mb / 103P
3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
Rev 4; 3/18
MAX9272A MAXIM-MAX9272A Datasheet
1Mb / 47P
28-Bit GMSL Deserializer for Coax or STP Cable
Rev 0; 5/14
MAX96706 MAXIM-MAX96706_V01 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
19-8248; Rev 2; 11/18
MAX96708 MAXIM-MAX96708_V01 Datasheet
1Mb / 68P
14-Bit GMSL Deserializer with Coax or STP Cable Input
19-7784; Rev 1; 3/17
MAX9276A MAXIM-MAX9276A Datasheet
2Mb / 71P
3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2018
MAX9288 MAXIM-MAX9288_V01 Datasheet
2Mb / 103P
3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
2019
MAX9276 MAXIM-MAX9276_V01 Datasheet
2Mb / 70P
3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2015
MAX96700 MAXIM-MAX96700 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com