Electronic Components Datasheet Search
  English  ▼

X  

4339A Datasheet (PDF) - TDK Electronics

4339A Datasheet PDF - TDK Electronics
Part # 4339A
Download  4339A Download
File Size   171.87 Kbytes
Page   9 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Common Mode Filters For signal line

4339A Datasheet (PDF)

Go To PDF Page Download Datasheet
4339A Datasheet PDF - TDK Electronics

Part # 4339A
Download  4339A Click to download

File Size   171.87 Kbytes
Page   9 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Common Mode Filters For signal line

4339A Datasheet (HTML) - TDK Electronics


4339A Product details

FEATURES
Optimal common mode filter for removing noise without straining the transmission signal and for transmitting high-quality signals.
Optimal countermeasure for common mode noise induced during data transmission for digital signal processing such as in PCs and telephones.
SMD type structure makes it optimal for surface mounting.
Up to 2A current is allowable, so it can be used as a noise countermeasure for power supply lines.

APPLICATION
PCs, telephones, LANs, ISDNs, digital PBXs, game machines, CTVs, CD-ROMs, 8mm video cassette recorders, etc.




Similar Part No. - 4339A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
4339A TDK-4339A Datasheet
220Kb / 4P
Common mode filters Automotive signal line (for power train/safety)
20221027
4339A TDK-4339A Datasheet
188Kb / 4P
Common mode filters Automotive power line (for power train/safety) ACM-V series
20210705
More results


Similar Description - 4339A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZJYS TDK-ZJYS Datasheet
95Kb / 5P
Common Mode Filters For General Signal Line
ZJYS51R52PT-01 TDK-ZJYS51R52PT-01 Datasheet
100Kb / 5P
Common Mode Filters For General Signal Line
ZJYS51R5-2PBT-01 TDK-ZJYS51R5-2PBT-01 Datasheet
95Kb / 5P
Common Mode Filters For general signal line
ZJYS51R5-4P TDK-ZJYS51R5-4P Datasheet
96Kb / 6P
Common Mode Filters For general signal line
ZJYS81R5-2P24T-G01 TDK-ZJYS81R5-2P24T-G01 Datasheet
53Kb / 3P
Common Mode Filters For automobile signal line
ZJYS51R5-2PLT-01 TDK-ZJYS51R5-2PLT-01 Datasheet
95Kb / 5P
Common Mode Filters For general signal line
ACM2012 TDK-ACM2012_13 Datasheet
196Kb / 3P
Common Mode Filters For automobile signal line
ACT45B-101-2P-TL003 TDK-ACT45B-101-2P-TL003_16 Datasheet
107Kb / 7P
Common Mode Filters For automobile signal line
ACT45L-201-2P-TL000 TDK-ACT45L-201-2P-TL000 Datasheet
105Kb / 7P
Common Mode Filters For automobile signal line
ACT1210-101-2P-TL00 TDK-ACT1210-101-2P-TL00 Datasheet
126Kb / 8P
Common Mode Filters For automobile signal line
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com