Electronic Components Datasheet Search
  English  ▼

X  

4339A Datasheet (PDF) - TDK Electronics

4339A Datasheet PDF - TDK Electronics
Part # 4339A
Download  4339A Download
File Size   188.14 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Common mode filters Automotive power line (for power train/safety) ACM-V series

4339A Datasheet (PDF)

Go To PDF Page Download Datasheet
4339A Datasheet PDF - TDK Electronics

Part # 4339A
Download  4339A Click to download

File Size   188.14 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Common mode filters Automotive power line (for power train/safety) ACM-V series

4339A Datasheet (HTML) - TDK Electronics


4339A Product details

ACM12V type

FEATURES
Exclusive square type closed magnetic core designed as an exclusive core is used, so it can be small while maintaining the same features.
Low profile design makes it optimal for surface mounting.
Excellent impedance characteristics, making it great for suppressing common mode noise.
Maximum 8A can be used in 125°C environments.
Covers a wide operating temperature range from –40 to +125°C.
Operating temperature range: –40 to +125°C (Does not include self-heating.)
Compliant with AEC-Q200




Similar Part No. - 4339A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
4339A TDK-4339A Datasheet
220Kb / 4P
Common mode filters Automotive signal line (for power train/safety)
20221027
4339A TDK-4339A Datasheet
171Kb / 9P
Common Mode Filters For signal line
20151221
More results


Similar Description - 4339A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM4520 TDK-ACM4520_13 Datasheet
172Kb / 8P
Common Mode Filters For power line ACM series
ACM3225-601-2P TDK-ACM3225-601-2P Datasheet
184Kb / 9P
Common Mode Filters For power line
ACM4532-801-2P-T001 TDK-ACM4532-801-2P-T001 Datasheet
183Kb / 8P
Common Mode Filters For power line
ACM12V-701-2PL-TL00 TDK-ACM12V-701-2PL-TL00_16 Datasheet
106Kb / 7P
Common Mode Filters For automotive power line
ACM70V-701-2PL-TL00 TDK-ACM70V-701-2PL-TL00_16 Datasheet
106Kb / 7P
Common Mode Filters For automotive power line
ACM90V-701-2PL-TL00 TDK-ACM90V-701-2PL-TL00_16 Datasheet
105Kb / 7P
Common Mode Filters For automotive power line
ACM4520-142-2P-T000 TDK-ACM4520-142-2P-T000 Datasheet
108Kb / 7P
Common Mode Filters For power line
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01_16 Datasheet
104Kb / 7P
Common Mode Filters For power line
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000_16 Datasheet
111Kb / 8P
Common Mode Filters For power line
ACT1210E TDK-ACT1210E Datasheet
220Kb / 4P
Common mode filters Automotive signal line (for power train/safety)
20221027
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com