Electronic Components Datasheet Search
  English  ▼

X  

2002181000 Datasheet (PDF) - Molex Electronics Ltd.

2002181000 Datasheet PDF - Molex Electronics Ltd.
Part # 2002181000
Download  2002181000 Download
File Size   62.39 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 3.30mm Pitch Plug and Receptacle Crimp Terminals, 0.30mm² and 0.50mm² AVSS Wires

2002181000 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002181000 Datasheet PDF - Molex Electronics Ltd.

Part # 2002181000
Download  2002181000 Click to download

File Size   62.39 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 3.30mm Pitch Plug and Receptacle Crimp Terminals, 0.30mm² and 0.50mm² AVSS Wires

2002181000 Datasheet (HTML) - Molex Electronics Ltd.


2002181000 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for 3.30mm Pitch
Plug and Receptacle Crimp
Terminals, 0.30mm² and 0.50mm²
AVSS Wires
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name N/A
Tool Type Hand Crimp Tool
UPC 889056910507
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 2002181000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002181000 MOLEX-2002181000 Datasheet
20Kb / 1P
Hand Crimp Tool for 3.30mm Pitch Plug and Receptacle Crimp Terminals, 0.30mm² and 0.50mm² AVSS Wires
08/25/2022
More results


Similar Description - 2002181000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-6800 MOLEX11-63811-6800 Datasheet
41Kb / 1P
Hand Crimp Tool for Pin and Socket Crimp Terminals
0638239100 MOLEX11-0638239100 Datasheet
33Kb / 1P
Hand Crimp Tool for 36P Robot Connector Plug and Receptacle Terminals
0638257100 MOLEX11-0638257100 Datasheet
36Kb / 1P
Hand Crimp Tool for Mega-Fit Crimp Terminals, AWG Wires
0638270100 MOLEX11-0638270100 Datasheet
33Kb / 1P
Hand Crimp Tool For 3.30mm (.130) Pitch Crimp Receptacle Terminals
0638257100 MOLEX-0638257100 Datasheet
37Kb / 2P
Hand Crimp Tool for Mega-Fit Crimp Terminals, AWG Wires
02/27/2021
0638270100 MOLEX-0638270100 Datasheet
37Kb / 1P
Hand Crimp Tool For 3.30mm (.130") Pitch Crimp Receptacle Terminals
11/02/2021
2002180800 MOLEX-2002180800 Datasheet
21Kb / 1P
Hand Crimp Tool for Micro-Lock Plus 2.00mm Pitch Wire-to-Board Receptacle Terminals, 22-26 AWG, 0.30mm² AVSS wires
08/25/2022
2002181000 MOLEX-2002181000 Datasheet
20Kb / 1P
Hand Crimp Tool for 3.30mm Pitch Plug and Receptacle Crimp Terminals, 0.30mm² and 0.50mm² AVSS Wires
08/25/2022
2133095400 MOLEX-2133095400 Datasheet
20Kb / 1P
Hand Crimp Tool for TPX120 Large Grip Sealed Receptacle Crimp Terminals, 1.0mm² and 1.5mm² Wires
08/25/2022
2133096800 MOLEX-2133096800 Datasheet
20Kb / 1P
Hand Crimp Tool for DuraClik Robust 2.00mm Pitch Wire-to-Board Receptacle Crimp Termainals, 0.30mm² and 0.50mm² AVSS Wire
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com