Electronic Components Datasheet Search
  English  ▼

X  

2002180800 Datasheet (PDF) - Molex Electronics Ltd.

2002180800 Datasheet PDF - Molex Electronics Ltd.
Part # 2002180800
Download  2002180800 Download
File Size   21.21 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Micro-Lock Plus 2.00mm Pitch Wire-to-Board Receptacle Terminals, 22-26 AWG, 0.30mm² AVSS wires

2002180800 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002180800 Datasheet PDF - Molex Electronics Ltd.

Part # 2002180800
Download  2002180800 Click to download

File Size   21.21 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Micro-Lock Plus 2.00mm Pitch Wire-to-Board Receptacle Terminals, 22-26 AWG, 0.30mm² AVSS wires

2002180800 Datasheet (HTML) - Molex Electronics Ltd.


2002180800 Product details

General
Product Family Application Tooling
Series 207129
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name Micro-Lock Plus
Taxonomy Crimp Presses and Crimp Hand T
Tool Type Hand Crimp Tool
UPC 191128103978
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 2002180800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002180800 MOLEX-2002180800 Datasheet
65Kb / 3P
Hand Crimp Tool for Micro- Lock Plus 2.00mm Pitch Wire-to-Board Receptacle Terminals, 26-22 AWG, 0.30mm² AVSS wires
Jun 13, 2025
2002180800 MOLEX-2002180800_V01 Datasheet
65Kb / 3P
Hand Crimp Tool for Micro- Lock Plus 2.00mm Pitch Wire-to-Board Receptacle Terminals, 26-22 AWG, 0.30mm² AVSS wires
Jun 13, 2025
More results


Similar Description - 2002180800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-2300 MOLEX11-63819-2300 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Terminals
63819-2400 MOLEX11-63819-2400 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 26-28 AWG Wire
63819-2500 MOLEX11-63819-2500 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
63819-2600 MOLEX11-63819-2600 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
63819-2800 MOLEX11-63819-2800 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 22-26 AWG Wire
0638192400 MOLEX-0638192400 Datasheet
40Kb / 2P
Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 26-28 AWG Wire
11/02/2021
0638192800 MOLEX-0638192800 Datasheet
38Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 22-26 AWG Wire
08/26/2022
0638278900 MOLEX-0638278900 Datasheet
14Kb / 1P
Hand Crimp Tool for Board-in Crimp Terminals, 22-26 AWG
08/26/2022
2002181000 MOLEX-2002181000 Datasheet
20Kb / 1P
Hand Crimp Tool for 3.30mm Pitch Plug and Receptacle Crimp Terminals, 0.30mm² and 0.50mm² AVSS Wires
08/25/2022
2133096800 MOLEX-2133096800 Datasheet
20Kb / 1P
Hand Crimp Tool for DuraClik Robust 2.00mm Pitch Wire-to-Board Receptacle Crimp Termainals, 0.30mm² and 0.50mm² AVSS Wire
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com