Electronic Components Datasheet Search
  English  ▼

X  

TSUP8150H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSUP8150H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSUP8150H
Download  TSUP8150H Download
File Size   475.7 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 8A, 150V Trench Schottky Surface Mount Rectifier

TSUP8150H Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUP8150H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSUP8150H
Download  TSUP8150H Click to download

File Size   475.7 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 8A, 150V Trench Schottky Surface Mount Rectifier

TSUP8150H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSUP8150H Product details

FEATURES
AEC-Q101 qualified
Excellent high temperature stability
Low forward voltage
Lower power loss/ high efficiency
High forward surge capability
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
Switching mode power supply (SMPS)
Adapters
DC to DC converter




Similar Part No. - TSUP8150H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSUP8200H TSC-TSUP8200H Datasheet
475Kb / 6P
8A, 200V Trench Schottky Surface Mount Rectifier
Version: A2505
TSUP8H100H TSC-TSUP8H100H Datasheet
229Kb / 6P
8A, 100V Trench Schottky Surface Mount Rectifier
Version: A2403
TSUP8H120H TSC-TSUP8H120H Datasheet
228Kb / 6P
8A, 120V Trench Schottky Surface Mount Rectifier
Version: A2403
TSUP8M45SH TSC-TSUP8M45SH Datasheet
425Kb / 5P
8A, 45V Trench Schottky Rectifiers
TSUP8M45SHM2G TSC-TSUP8M45SHM2G Datasheet
425Kb / 5P
8A, 45V Trench Schottky Rectifiers
More results


Similar Description - TSUP8150H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBD835L DIODES-SBD835L Datasheet
56Kb / 2P
8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30202 Rev. E-1
logo
Microdiode Semiconducto...
ST34BF CHENDA-ST34BF Datasheet
214Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C Datasheet
210Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34F CHENDA-ST34F Datasheet
203Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54BF CHENDA-ST54BF Datasheet
286Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34A CHENDA-ST34A_V01 Datasheet
841Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54A CHENDA-ST54A_V01 Datasheet
846Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C_V01 Datasheet
922Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
logo
ON Semiconductor
NRVTS5100ETFS ONSEMI-NRVTS5100ETFS Datasheet
69Kb / 5P
Trench Surface Mount Schottky Rectifier
June, 2018 ??Rev. 0
NRVTS360ETFS ONSEMI-NRVTS360ETFS Datasheet
179Kb / 6P
Trench Surface Mount Schottky Rectifier
February, 2019 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com