Electronic Components Datasheet Search
  English  ▼

X  

TSUP8H100H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSUP8H100H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSUP8H100H
Download  TSUP8H100H Download
File Size   229.38 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 8A, 100V Trench Schottky Surface Mount Rectifier

TSUP8H100H Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUP8H100H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSUP8H100H
Download  TSUP8H100H Click to download

File Size   229.38 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 8A, 100V Trench Schottky Surface Mount Rectifier

TSUP8H100H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSUP8H100H Product details

FEATURES
AEC-Q101 qualified
Trench Schottky technology
Low power loss, high efficiency
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free
APPLICATIONS
Switching mode power supply (SMPS)
Adapters
Lighting application
On-board DC/DC converter
Automotive




Similar Part No. - TSUP8H100H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSUP8H120H TSC-TSUP8H120H Datasheet
228Kb / 6P
8A, 120V Trench Schottky Surface Mount Rectifier
Version: A2403
More results


Similar Description - TSUP8H100H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBD835L DIODES-SBD835L Datasheet
56Kb / 2P
8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30202 Rev. E-1
logo
Sanyo Semicon Device
SB80W10T SANYO-SB80W10T Datasheet
270Kb / 3P
100V, 8A Rectifier
SB80W10T SANYO-SB80W10T_12 Datasheet
439Kb / 7P
100V, 8A Rectifier
logo
Microdiode Semiconducto...
ST34BF CHENDA-ST34BF Datasheet
214Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34F CHENDA-ST34F Datasheet
203Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
logo
PFC Device Inc.
PT8L100SP PFC-PT8L100SP Datasheet
726Kb / 5P
8A 100V HPTR Schottky Rectifier
logo
Microdiode Semiconducto...
ST54A CHENDA-ST54A_V01 Datasheet
846Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
logo
ON Semiconductor
NRVTS5100ETFS ONSEMI-NRVTS5100ETFS Datasheet
69Kb / 5P
Trench Surface Mount Schottky Rectifier
June, 2018 ??Rev. 0
logo
First Silicon Co., Ltd
SK3BB FS-SK3BB Datasheet
137Kb / 2P
100V 3Amp Surface Mount Schottky Rectifier
logo
ON Semiconductor
NRVTS360ETFS ONSEMI-NRVTS360ETFS Datasheet
179Kb / 6P
Trench Surface Mount Schottky Rectifier
February, 2019 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com