Electronic Components Datasheet Search
  English  ▼

X  

BOD001Z Datasheet (PDF) - Balluff Korea Ltd.

BOD001Z Datasheet PDF - Balluff Korea Ltd.
Part # BOD001Z
Download  BOD001Z Download
File Size   109.41 Kbytes
Page   3 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOD 6K-RA04-S75

BOD001Z Datasheet (PDF)

Go To PDF Page Download Datasheet
BOD001Z Datasheet PDF - Balluff Korea Ltd.

Part # BOD001Z
Download  BOD001Z Click to download

File Size   109.41 Kbytes
Page   3 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOD 6K-RA04-S75

BOD001Z Datasheet (HTML) - Balluff Korea Ltd.


BOD001Z Product details

Basic features
Application Distance measurement
Approval/Conformity CE
cULus
Ecolab
WEEE
Basic standard IEC 60947-5-2, IEC 60947-5-7
Principle of operation Photoelectric distance sensor
Series 6K
Style Square
Connection 90°




Similar Part No. - BOD001Z

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOD002L BALLUFF-BOD002L Datasheet
142Kb / 4P
Photoelectric Sensors
BOD002M BALLUFF-BOD002M Datasheet
132Kb / 3P
Photoelectric Sensors
BOD002N BALLUFF-BOD002N Datasheet
132Kb / 3P
Photoelectric Sensors
BOD002R BALLUFF-BOD002R Datasheet
108Kb / 3P
BOD 6K-RAI02-S75
2025-03-27
BOD002T BALLUFF-BOD002T Datasheet
108Kb / 3P
BOD 6K-RAI02-02
2025-03-27
More results


Similar Description - BOD001Z

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66354B SANYO-LC66354B Datasheet
633Kb / 23P
4-bit Single-Chip Microcontrollers On-Chip 4K/6K/8K-byte ROM
logo
Tumbler Technologies + ...
T2-2S0505EH TRUMPOWER-T2-2S0505EH Datasheet
29Kb / 1P
DC/DC CONVERTERS 6K VDC Isolation, 2 Watt
logo
Sanyo Semicon Device
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
logo
Amphenol Corporation
MA700 AMPHENOL-MA700 Datasheet
54Kb / 4P
Nominal 6K/30K 廓at 77째F (25째C)
logo
Pasternack Enterprises,...
PE7052-6 PASTERNACK-PE7052-6_16 Datasheet
227Kb / 3P
6 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Bod
PE7090-10 PASTERNACK-PE7090-10_16 Datasheet
236Kb / 3P
10 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Bod
logo
PHOENIX CONTACT
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com