Electronic Components Datasheet Search
  English  ▼

X  

BOD002T Datasheet (PDF) - Balluff Korea Ltd.

BOD002T Datasheet PDF - Balluff Korea Ltd.
Part # BOD002T
Download  BOD002T Download
File Size   108.86 Kbytes
Page   3 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOD 6K-RAI02-02

BOD002T Datasheet (PDF)

Go To PDF Page Download Datasheet
BOD002T Datasheet PDF - Balluff Korea Ltd.

Part # BOD002T
Download  BOD002T Click to download

File Size   108.86 Kbytes
Page   3 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description BOD 6K-RAI02-02

BOD002T Datasheet (HTML) - Balluff Korea Ltd.


BOD002T Product details

Basic features
Approval/Conformity CE
UKCA
cULus
WEEE
Ecolab
Basic standard IEC 60947-5-2, IEC 60947-5-7
Operating mode SIO Mode
IO-Link Mode
Principle of operation Photoelectric distance sensor
Series 6K
Style Square
Connection 90°




Similar Part No. - BOD002T

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOD002L BALLUFF-BOD002L Datasheet
142Kb / 4P
Photoelectric Sensors
BOD002M BALLUFF-BOD002M Datasheet
132Kb / 3P
Photoelectric Sensors
BOD002N BALLUFF-BOD002N Datasheet
132Kb / 3P
Photoelectric Sensors
BOD002R BALLUFF-BOD002R Datasheet
108Kb / 3P
BOD 6K-RAI02-S75
2025-03-27
BOD002U BALLUFF-BOD002U Datasheet
106Kb / 3P
BOD 6K-RAI03-S75
2025-03-27
More results


Similar Description - BOD002T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-0-K-02 ETC1-P-0-K-02 Datasheet
211Kb / 1P
P-0-K-02
PA-PLCC044-02-ZD ETC1-PA-PLCC044-02-ZD Datasheet
39Kb / 1P
PA-PLCC044-02-ZD
logo
Tumbler Technologies + ...
T2-2S0505EH TRUMPOWER-T2-2S0505EH Datasheet
29Kb / 1P
DC/DC CONVERTERS 6K VDC Isolation, 2 Watt
logo
Rohm
SML-022ML8TT86 ROHM-SML-022ML8TT86 Datasheet
1Mb / 4P
SML-02 Series
logo
Amphenol Corporation
MA700 AMPHENOL-MA700 Datasheet
54Kb / 4P
Nominal 6K/30K 廓at 77째F (25째C)
logo
PHOENIX CONTACT
1679359 PHOENIX-1679359 Datasheet
153Kb / 6P
HC-M-02-MOD-BU
2701408 PHOENIX-2701408 Datasheet
58Kb / 3P
Antenna - ANT-OMNI-2459-02
logo
Molex Electronics Ltd.
0190320220 MOLEX-0190320220 Datasheet
46Kb / 1P
02/27/2021
02/27/2021
logo
PHOENIX CONTACT
1396318 PHOENIX-1396318 Datasheet
1Mb / 15P
Antenna - ANT-OMNI-0671-02
Dec 6, 2022
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com