Electronic Components Datasheet Search
  English  ▼

X  

3074124 Datasheet (PDF) - PHOENIX CONTACT

3074124 Datasheet PDF - PHOENIX CONTACT
Part # 3074124
Download  3074124 Download
File Size   720.31 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FAME-WP 51 - Power plug

3074124 Datasheet (PDF)

Go To PDF Page Download Datasheet
3074124 Datasheet PDF - PHOENIX CONTACT

Part # 3074124
Download  3074124 Click to download

File Size   720.31 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FAME-WP 51 - Power plug

3074124 Datasheet (HTML) - PHOENIX CONTACT


3074124 Product details

Power plug, nom. voltage: 400 V, nominal current: 24 A, number of positions: 6, Rated cross
section: 6 mm2, color: gray




Similar Part No. - 3074124

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3074121 PHOENIX-3074121 Datasheet
720Kb / 13P
FAME-WP 61 - Power plug
3074122 PHOENIX-3074122 Datasheet
720Kb / 13P
FAME-WP 81 - Power plug
3074123 PHOENIX-3074123 Datasheet
720Kb / 13P
FAME-WP 121 - Power plug
3074125 PHOENIX-3074125 Datasheet
720Kb / 13P
FAME-WP 91 - Power plug
More results


Similar Description - 3074124

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60S1D7-C07N1 ROSENBERGER-60S1D7-C07N1 Datasheet
177Kb / 2P
STRAIGHT PLUG (1-5/8?쒽)
logo
Wurth Elektronik GmbH &...
7464004 WURTH-7464004 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
7464006 WURTH-7464006 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
74640010 WURTH-74640010 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
74640016 WURTH-74640016 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
logo
PHOENIX CONTACT
2913425 PHOENIX-2913425 Datasheet
90Kb / 2P
WP 10T/701900
3030367 PHOENIX-3030367 Datasheet
43Kb / 2P
Plug-in bridge - FBS 1/5-5
3030368 PHOENIX-3030368 Datasheet
43Kb / 2P
Plug-in bridge - FBS 1/3/5-5
3030370 PHOENIX-3030370 Datasheet
43Kb / 2P
Plug-in bridge - FBS 1/2/4/5-5
logo
Wurth Elektronik GmbH &...
7464000 WURTH-7464000 Datasheet
174Kb / 2P
REDCUBE Plug Terminal WP-PLUG
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com