Electronic Components Datasheet Search
  English  ▼

X  

3074121 Datasheet (PDF) - PHOENIX CONTACT

3074121 Datasheet PDF - PHOENIX CONTACT
Part # 3074121
Download  3074121 Download
File Size   720.17 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FAME-WP 61 - Power plug

3074121 Datasheet (PDF)

Go To PDF Page Download Datasheet
3074121 Datasheet PDF - PHOENIX CONTACT

Part # 3074121
Download  3074121 Click to download

File Size   720.17 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FAME-WP 61 - Power plug

3074121 Datasheet (HTML) - PHOENIX CONTACT


3074121 Product details

Power plug, nom. voltage: 400 V, nominal current: 24 A, number of positions: 7, Rated cross
section: 6 mm2, color: gray




Similar Part No. - 3074121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3074122 PHOENIX-3074122 Datasheet
720Kb / 13P
FAME-WP 81 - Power plug
3074123 PHOENIX-3074123 Datasheet
720Kb / 13P
FAME-WP 121 - Power plug
3074124 PHOENIX-3074124 Datasheet
720Kb / 13P
FAME-WP 51 - Power plug
3074125 PHOENIX-3074125 Datasheet
720Kb / 13P
FAME-WP 91 - Power plug
More results


Similar Description - 3074121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7464004 WURTH-7464004 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
7464006 WURTH-7464006 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
74640010 WURTH-74640010 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
74640016 WURTH-74640016 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
logo
PHOENIX CONTACT
3032538 PHOENIX-3032538 Datasheet
46Kb / 2P
Plug-in bridge - FBS 1/6-6
3060720 PHOENIX-3060720 Datasheet
128Kb / 11P
Plug - UP 6/ 1 GNYE
3060759 PHOENIX-3060759 Datasheet
152Kb / 12P
Plug - UP 6/ 1-L GNYE
3060762 PHOENIX-3060762 Datasheet
151Kb / 12P
Plug - UP 6/ 1-M
3060814 PHOENIX-3060814 Datasheet
152Kb / 12P
Plug - UP 6/ 1-R GNYE
logo
Wurth Elektronik GmbH &...
7464000 WURTH-7464000 Datasheet
174Kb / 2P
REDCUBE Plug Terminal WP-PLUG
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com