Electronic Components Datasheet Search
  English  ▼

X  

TPMC543-DOC Datasheet (PDF) - TEWS Technologies GmbH

TPMC543-DOC Datasheet PDF - TEWS Technologies GmbH
Part # TPMC543-DOC
Download  TPMC543-DOC Download
File Size   328.6 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 8 Analog Current Input Channels, 16/8 Analog High- Voltage Input Channels

TPMC543-DOC Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC543-DOC Datasheet PDF - TEWS Technologies GmbH

Part # TPMC543-DOC
Download  TPMC543-DOC Click to download

File Size   328.6 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 8 Analog Current Input Channels, 16/8 Analog High- Voltage Input Channels

TPMC543-DOC Datasheet (HTML) - TEWS Technologies GmbH


TPMC543-DOC Product details

Application Information
The TPMC543 is a standard single-wide 32 bit 33MHz PCI
Mezzanine Card (PMC).
The TPMC543-10R features 4 multiplexed multi-channel 16
bit ADC devices, each device providing either 8 singleended
or 4 differential A/D channels.
On the TPMC543-10R the A/D channels are hardwareconfigured
to provide:
 8 differential bipolar analog current input channels
 16 single-ended / 8 differential bipolar analog highvoltage
input channels
The TPMC543-10R also features 2 multi-channel 16 bit
DAC devices, providing a total of:
 8 single-ended multi-mode analog output channels
Each individual D/A channel, is programmable for one of
the following modes:
 Bipolar Voltage Output
 Unipolar Voltage Output
 Unipolar Current Output
Additionally the TPMC543-10R provides 8 tristate capable
5V-tolerant LVTTL/TTL digital input/output channels




Similar Part No. - TPMC543-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC541 TEWS-TPMC541 Datasheet
761Kb / 3P
32/16 Single-Ended or 16/8 Differential A/D Channels
2020-01-30
TPMC541-10R TEWS-TPMC541-10R Datasheet
761Kb / 3P
32/16 Single-Ended or 16/8 Differential A/D Channels
2020-01-30
TPMC541-20R TEWS-TPMC541-20R Datasheet
761Kb / 3P
32/16 Single-Ended or 16/8 Differential A/D Channels
2020-01-30
TPMC541-DOC TEWS-TPMC541-DOC Datasheet
761Kb / 3P
32/16 Single-Ended or 16/8 Differential A/D Channels
2020-01-30
TPMC542 TEWS-TPMC542 Datasheet
371Kb / 3P
16/8 Channel Voltage & Current Range D/A
2017-08-31
More results


Similar Description - TPMC543-DOC

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2631 SUTEX-HV2631 Datasheet
668Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
HV2631 SUTEX-HV2631_09 Datasheet
515Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911 Datasheet
866Kb / 17P
Eight High-Voltage Input Channels
Rev 6; 4/15
logo
List of Unclassifed Man...
W55AD808 ETC2-W55AD808 Datasheet
499Kb / 6P
8-bit ADC with 8 input channels
logo
PHOENIX CONTACT
2700458 PHOENIX-2700458 Datasheet
75Kb / 5P
4 analog differential input channels for connecting current signals
2702007 PHOENIX-2702007 Datasheet
166Kb / 6P
4 analog, bipolar input channels for the connection of current signals
2702120 PHOENIX-2702120 Datasheet
194Kb / 6P
8 analog input channels for the connection of resistance temperature detectors (RTD)
2878447 PHOENIX-2878447 Datasheet
400Kb / 25P
Inline Terminal With Four Differential Analog Input Channels
7079 PHOENIX-7079 Datasheet
354Kb / 26P
Inline analog input terminal, 8 channels, RTDs, 2 and 3-wire connection method
logo
Schneider Electric
ABE7CPA31 SCHNEIDER-ABE7CPA31 Datasheet
156Kb / 5P
connection sub-base ABE7 - for distribution of 8 analog input channels
Aug 26, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com