Electronic Components Datasheet Search
  English  ▼

X  

TPMC542 Datasheet (PDF) - TEWS Technologies GmbH

TPMC542 Datasheet PDF - TEWS Technologies GmbH
Part # TPMC542
Download  TPMC542 Download
File Size   371.55 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16/8 Channel Voltage & Current Range D/A

TPMC542 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPMC542 Datasheet PDF - TEWS Technologies GmbH

Part # TPMC542
Download  TPMC542 Click to download

File Size   371.55 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description 16/8 Channel Voltage & Current Range D/A

TPMC542 Datasheet (HTML) - TEWS Technologies GmbH


TPMC542 Product details

Application Information
The TPMC542 is a standard single-wide PCI Mezzanine Card (PMC) compatible module providing 16 or 8 channels of simultaneous update single-ended unipolar/bipolar 16bit analog output and 20 channels of tristate capable 5V-tolerant LVTTL/TTL digital input/output.
A 32 bit 33 MHz PCI interface is provided at the PMC P11 and P12 connectors. The digital I/O signals and analog output signals are accessible via a Mini D Ribbon (MDR68) type front I/O connector.
For each individual D/A channel, the following output ranges are configurable:
• 0V to 5V Voltage Range
• 0V to 10V Voltage Range
• ±5V Voltage Range
• ±10V Voltage Range
• 4mA to 20mA Current Range
• 0mA to 20mA Current Range
• 0mA to 24mA Current Range
Additionally, for each Voltage Range a 20% over-range may be enabled.
The TPMC542 provides a D/A Sequencer unit for periodic simultaneous digital to analog conversions at a configurable conversion rate. In sequencer mode, the D/A conversion data is fetched from buffers in host memory by PCI master DMA transfer and is temporarily stored in an on-board data buffer. The Sequencer provides a Frame Mode used for repetitive frames of simultaneous D/A conversions upon an appropriate frame trigger signal event.
Conversion clock (conversion rate) and frame trigger signals may be generated on-board for internal use and may also be driven out on P14 rear I/O if the card is operating as a master card in a Multi-Board configuration. The conversion clock (conversion rate) and frame trigger signals may also be sourced externally via the P14 rear I/O interface if the card is operating as a target card in a Multi-Board configuration.
Each TPMC542 is factory calibrated. The correction data is stored in an on-board serial EEPROM unique to each PMC module. These correction values may be used to perform a hardware correction for every D/A channel and output range.




Similar Part No. - TPMC542

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC541 TEWS-TPMC541 Datasheet
761Kb / 3P
32/16 Single-Ended or 16/8 Differential A/D Channels
2020-01-30
TPMC541-10R TEWS-TPMC541-10R Datasheet
761Kb / 3P
32/16 Single-Ended or 16/8 Differential A/D Channels
2020-01-30
TPMC541-20R TEWS-TPMC541-20R Datasheet
761Kb / 3P
32/16 Single-Ended or 16/8 Differential A/D Channels
2020-01-30
TPMC541-DOC TEWS-TPMC541-DOC Datasheet
761Kb / 3P
32/16 Single-Ended or 16/8 Differential A/D Channels
2020-01-30
TPMC543 TEWS-TPMC543 Datasheet
328Kb / 3P
8 Analog Current Input Channels, 16/8 Analog High- Voltage Input Channels
2023-02-07
More results


Similar Description - TPMC542

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
logo
Agilent(Hewlett-Packard...
E1418A HP-E1418A Datasheet
545Kb / 4P
8/16-Channel D/A Converter
logo
Holtek Semiconductor In...
HT46R92 HOLTEK-HT46R92 Datasheet
494Kb / 61P
A/D Type 8-Bit MCU with 1616 High Current LED Driver
HT46R94 HOLTEK-HT46R94 Datasheet
508Kb / 62P
A/D Type 8-Bit MCU with 1616 High Current LED Driver
logo
Texas Instruments
TLC59291 TI1-TLC59291_16 Datasheet
805Kb / 46P
8/16-Channel, Constant Current LED Driver
logo
DONGGUAN YOU FENG WEI E...
DB101 YFWDIODE-DB101 Datasheet
453Kb / 2P
VOLTAGE RANGE CURRENT
logo
Keysight Technologies
E1418A KEYSIGHT-E1418A Datasheet
545Kb / 4P
8/16-Channel D/A Converter
logo
First Components Intern...
PBFR6018JP FCI-PBFR6018JP Datasheet
1,003Kb / 2P
Voltage Range 16 to 28V Current 60 Ampere
PBFR6020JP FCI-PBFR6020JP Datasheet
1,003Kb / 2P
Voltage Range 16 to 28V Current 60 Ampere
PBFR6030JP FCI-PBFR6030JP Datasheet
1,003Kb / 2P
Voltage Range 16 to 28V Current 60 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com