Electronic Components Datasheet Search
  English  ▼

X  

PDUI-X512C12I Datasheet (PDF) - Belden Inc.

PDUI-X512C12I Datasheet PDF - Belden Inc.
Part # PDUI-X512C12I
Download  PDUI-X512C12I Download
File Size   316.9 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PDU Basic St V 230/400V 32A 3PNE (12)C13(12)C19

PDUI-X512C12I Datasheet (PDF)

Go To PDF Page Download Datasheet
PDUI-X512C12I Datasheet PDF - Belden Inc.

Part # PDUI-X512C12I
Download  PDUI-X512C12I Click to download

File Size   316.9 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PDU Basic St V 230/400V 32A 3PNE (12)C13(12)C19

PDUI-X512C12I Datasheet (HTML) - Belden Inc.


PDUI-X512C12I Product details

Product Description
PDU Basic Standard, Vertical, 230/400V 32A 3P+N+E (12)C13(12)C19




Similar Part No. - PDUI-X512C12I

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
PDUI-BN08B BELDEN-PDUI-BN08B Datasheet
286Kb / 2P
PDU Basic St H 230V 13A UK (8)UK
04-26-2022
PDUI-BN08C BELDEN-PDUI-BN08C Datasheet
285Kb / 2P
PDU Basic St H 230V 13A UK (8)C13
04-20-2022
PDUI-BS06B BELDEN-PDUI-BS06B Datasheet
271Kb / 2P
PDU Basic St H SW, 230V 13A UK, (6) UK
04-12-2022
PDUI-BS08C BELDEN-PDUI-BS08C Datasheet
277Kb / 2P
PDU Basic St H SW 230V 13A UK (8)C13
05-11-2022
PDUI-BS12B BELDEN-PDUI-BS12B Datasheet
267Kb / 2P
PDU Basic St V SW 230V 13A UK (12)UK
04-24-2022
More results


Similar Description - PDUI-X512C12I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP9571 ETC2-AP9571 Datasheet
83Kb / 2P
Rack PDU Basic 1U 30A 208V (12) C13
logo
Tripp Lite. All Rights ...
PDU3XEVSR6G32A TRIPPLITE-PDU3XEVSR6G32A Datasheet
175Kb / 4P
22.2kW 3-Phase Switched PDU - 12 C13 & 12 C19 Outlets, IEC 309 32A Red, 0U, Outlet Monitoring, TAA
PDU3XEVSR6G63A TRIPPLITE-PDU3XEVSR6G63A Datasheet
175Kb / 4P
27.7kW 3-Phase Switched PDU - 12 C13 & 12 C19 Outlets, IEC 309 63A Red, 0U, Outlet Monitoring, TAA
PDU3XMV6G32 TRIPPLITE-PDU3XMV6G32 Datasheet
162Kb / 3P
3-Phase Metered PDU, 22.2kW, 42 220/230V outlets (36 C13, 6 C19), IEC309 32A Red (3PNE) 380/400V input, 0u vertical, TAA
PDU3XVSR6G32A TRIPPLITE-PDU3XVSR6G32A Datasheet
171Kb / 4P
22.1kW 3-Phase Switched PDU, 220/230V (12 C13 & 12 C19), IEC309 32A Red, 380/400V Input, 6ft Cord, 0U Vertical
PDU3XVSR6G63A TRIPPLITE-PDU3XVSR6G63A Datasheet
170Kb / 4P
27.6kW 3-Phase Switched PDU, 220/230V (12 C13 & 12 C19), IEC309 63A Red, 380/400V Input, 6ft Cord, 0U Vertical
PDU3XVSRHWA TRIPPLITE-PDU3XVSRHWA Datasheet
171Kb / 4P
28.8kW 3-Phase Switched PDU, 240/230/220V Outlets (12 C13 & 12 C19), Hardwire 415/400/380V Input, 0U Vertical, TAA
PDU12IEC TRIPPLITE-PDU12IEC Datasheet
158Kb / 3P
1.6/3.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 16A Input, 1U Rack-Mount
logo
Schneider Electric
AP8953 SCHNEIDER-AP8953 Datasheet
56Kb / 2P
Rack PDU 2G, Switched, ZeroU, 32A, 230V, (21) C13 & (3) C19
Oct 25, 2017
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com