Electronic Components Datasheet Search
  English  ▼

X  

PDUI-BS08C Datasheet (PDF) - Belden Inc.

PDUI-BS08C Datasheet PDF - Belden Inc.
Part # PDUI-BS08C
Download  PDUI-BS08C Download
File Size   277.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PDU Basic St H SW 230V 13A UK (8)C13

PDUI-BS08C Datasheet (PDF)

Go To PDF Page Download Datasheet
PDUI-BS08C Datasheet PDF - Belden Inc.

Part # PDUI-BS08C
Download  PDUI-BS08C Click to download

File Size   277.12 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PDU Basic St H SW 230V 13A UK (8)C13

PDUI-BS08C Datasheet (HTML) - Belden Inc.


PDUI-BS08C Product details

Product Description
PDU, Basic Standard, 13A, 230V, 2.9kW, Horizontal, Switched, (8) IEC C13, 3m power cord with BS1363P




Similar Part No. - PDUI-BS08C

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
PDUI-BS06B BELDEN-PDUI-BS06B Datasheet
271Kb / 2P
PDU Basic St H SW, 230V 13A UK, (6) UK
04-12-2022
More results


Similar Description - PDUI-BS08C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP7551 ETC2-AP7551 Datasheet
16Kb / 1P
Basic Rack PDU
AP9564 ETC2-AP9564 Datasheet
49Kb / 1P
Basic Rack PDU
AP9570 ETC2-AP9570 Datasheet
17Kb / 1P
Basic Rack PDU
AP9571 ETC2-AP9571 Datasheet
83Kb / 2P
Rack PDU Basic 1U 30A 208V (12) C13
logo
Schneider Electric
AP8953 SCHNEIDER-AP8953 Datasheet
56Kb / 2P
Rack PDU 2G, Switched, ZeroU, 32A, 230V, (21) C13 & (3) C19
Oct 25, 2017
AP9568 SCHNEIDER-AP9568 Datasheet
74Kb / 2P
Rack PDU, Basic, Zero U, 10A,230V, (15)C13
Sep 2, 2020
AP7821B SCHNEIDER-AP7821B Datasheet
69Kb / 2P
Rack PDU, Metered, 1U, 16A, 208/230V, (8) C13
Oct 8, 2020
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
AP7921B SCHNEIDER-AP7921B Datasheet
72Kb / 2P
Rack PDU, Switched, 1U, 16A, 208/230V, (8)C13
Jun 14, 2020
AP7850 SCHNEIDER-AP7850 Datasheet
67Kb / 2P
Rack PDU, Metered, Zero U, 10A, 230V, (16) C13
Sep 20, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com