Electronic Components Datasheet Search
  English  ▼

X  

178013802 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

178013802 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 178013802
Download  178013802 Download
File Size   2285.44 Kbytes
Page   41 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description MagI3C Power Module WPME-VDLM - Variable Step Down LGA Module

178013802 Datasheet (PDF)

Go To PDF Page Download Datasheet
178013802 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 178013802
Download  178013802 Click to download

File Size   2285.44 Kbytes
Page   41 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description MagI3C Power Module WPME-VDLM - Variable Step Down LGA Module

178013802 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


178013802 Product details

FEATURES
• Peak efficiency up to 94%
• Current capability up to 1A
• Input voltage range: 3.5V to 38V
• Output voltage range: 0.85V to 13V
• Integrated shielded inductor
• Constant, selectable switching frequency
• Current mode control
• Synchronous operation
• Embedded soft-start
• Power good indicator
• Sync function for custom switching frequencies
• Spread spectrum for optimized EMI performance
• Thermal shutdown
• Undervoltage lockout
• Short circuit protection
• Overcurrent protection
• Output overvoltage protection
• Cycle-by-cycle current limit
• RoHS and REACh compliant
• Ambient temp. range: -40°C to 105°C
• Junction temp. range: -40°C to 125°C
• Complies with EN55032 class B conducted and
radiated emissions standard




Similar Part No. - 178013802

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
178013801 WURTH-178013801 Datasheet
4Mb / 39P
WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 1A / 0.85V - 13V Output
Version 1.2
More results


Similar Description - 178013802

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171020302 WURTH-171020302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
Variable Step Down Regulator Module
171011801 WURTH-171011801 Datasheet
3Mb / 49P
MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
171031801 WURTH-171031801 Datasheet
3Mb / 49P
MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
171013801 WURTH-171013801 Datasheet
4Mb / 39P
WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 1A / 0.85V - 13V Output
Version 1.2
171023801 WURTH-171023801 Datasheet
4Mb / 39P
WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 2A / 0.85V - 13V Output
Version 1.2
171033801 WURTH-171033801 Datasheet
4Mb / 37P
WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 3A / 0.85V - 6V Output
Version 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com