Electronic Components Datasheet Search
  English  ▼

X  

178013801 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

178013801 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 178013801
Download  178013801 Download
File Size   4435.34 Kbytes
Page   39 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 1A / 0.85V - 13V Output

178013801 Datasheet (PDF)

Go To PDF Page Download Datasheet
178013801 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 178013801
Download  178013801 Click to download

File Size   4435.34 Kbytes
Page   39 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 1A / 0.85V - 13V Output

178013801 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


178013801 Product details

FEATURES
• Peak efficiency up to 96%
• Current capability up to 1A
• Input voltage range: 3.5V to 38V
• Output voltage range: 0.85V to 13V
• 3.5μA typical quiescent current
• Integrated shielded inductor
• Adjustable switching frequency
• Current mode control
• Synchronous operation
• Undervoltage lockout
• Embedded soft-start
• Power good indicator
• Spread spectrum for optimized EMI performance
• Thermal shutdown
• Short circuit, overcurrent and overvoltage
protections
• Cycle-by-cycle current limit
• RoHS and REACh compliant
• Operating ambient temp. range: -40°C to 105°C
• Operating junction temp. range: -40°C to 125°C
• Complies with EN55032 class B conducted and
radiated emissions standard




Similar Part No. - 178013801

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
178013802 WURTH-178013802 Datasheet
2Mb / 41P
MagI3C Power Module WPME-VDLM - Variable Step Down LGA Module
Revision 1.0 November 2024
More results


Similar Description - 178013801

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171020302 WURTH-171020302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
Variable Step Down Regulator Module
171023801 WURTH-171023801 Datasheet
4Mb / 39P
WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 2A / 0.85V - 13V Output
Version 1.2
171033801 WURTH-171033801 Datasheet
4Mb / 37P
WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 3A / 0.85V - 6V Output
Version 1.2
171930601 WURTH-171930601 Datasheet
1Mb / 37P
WPME-VDMM - Variable Step Down MicroModule 3.5V - 36V Input / 0.3A Output / 1V - 6V Output
Version 2.0
17301XX35 WURTH-17301XX35 Datasheet
5Mb / 42P
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 1A / Fixed Output 3.3V, 5V, 12V or 15V
version 4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com