Electronic Components Datasheet Search
  English  ▼

X  

3070305 Datasheet (PDF) - PHOENIX CONTACT

3070305 Datasheet PDF - PHOENIX CONTACT
Part # 3070305
Download  3070305 Download
File Size   217.48 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description USST 4-MT BU - Knife-disconnect terminal block

3070305 Datasheet (PDF)

Go To PDF Page Download Datasheet
3070305 Datasheet PDF - PHOENIX CONTACT

Part # 3070305
Download  3070305 Click to download

File Size   217.48 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description USST 4-MT BU - Knife-disconnect terminal block

3070305 Datasheet (HTML) - PHOENIX CONTACT


3070305 Product details

Knife-disconnect terminal block, nom. voltage: 500 V, nominal current: 20 A, 1 level, connection
method: Screw connection with spring support, Rated cross section: 4 mm2, cross section: 0.2
mm2 - 6 mm2, mounting: NS 35/7,5, NS 35/15, NS 32, color: blue




Similar Part No. - 3070305

ManufacturerPart #DatasheetDescription
logo
Littelfuse
307030 LITTELFUSE-307030 Datasheet
86Kb / 1P
Axial Lead and Cartridge Fuses
307030 LITTELFUSE-307030 Datasheet
30Kb / 1P
Axial Lead and Cartridge Fuses
logo
PHOENIX CONTACT
3070301 PHOENIX-3070301 Datasheet
245Kb / 9P
USST 4-TG - Disconnect terminal block
3070303 PHOENIX-3070303 Datasheet
235Kb / 8P
USST 4-TG P/P - Disconnect terminal block
More results


Similar Description - 3070305

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3035522 PHOENIX-3035522 Datasheet
154Kb / 14P
Knife disconnect terminal block - STTBS 4-MT BU
3037834 PHOENIX-3037834 Datasheet
135Kb / 14P
Knife disconnect terminal block - ST 2,5-QUATTRO-MT BU
3073050 PHOENIX-3073050 Datasheet
145Kb / 15P
Knife disconnect terminal block - UT 4-QUATTRO-MT BU
3073267 PHOENIX-3073267 Datasheet
62Kb / 5P
Knife disconnect terminal block - UT 6-MT BU
3210257 PHOENIX-3210257 Datasheet
64Kb / 4P
Knife disconnect terminal block - PTT 2,5-L/MT BU
3037818 PHOENIX-3037818 Datasheet
501Kb / 23P
Knife disconnect terminal block - ST 2,5-MT BU
3076015 PHOENIX-3076015 Datasheet
547Kb / 21P
Knife disconnect terminal block - UTTB 4-MT P/P BU
1079064 PHOENIX-1079064 Datasheet
266Kb / 25P
Knife disconnect terminal block - PTV 2,5-MT BU
09/12/2020
1088740 PHOENIX-1088740 Datasheet
756Kb / 28P
Knife disconnect terminal block - PTV 4-MT BU
01/21/2022
3211934 PHOENIX-3211934 Datasheet
301Kb / 27P
Knife disconnect terminal block - PT 4-MT BU
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com