Electronic Components Datasheet Search
  English  ▼

X  

3070303 Datasheet (PDF) - PHOENIX CONTACT

3070303 Datasheet PDF - PHOENIX CONTACT
Part # 3070303
Download  3070303 Download
File Size   235.84 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description USST 4-TG P/P - Disconnect terminal block

3070303 Datasheet (PDF)

Go To PDF Page Download Datasheet
3070303 Datasheet PDF - PHOENIX CONTACT

Part # 3070303
Download  3070303 Click to download

File Size   235.84 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description USST 4-TG P/P - Disconnect terminal block

3070303 Datasheet (HTML) - PHOENIX CONTACT


3070303 Product details

Disconnect terminal block, Current and voltage are determined by the plug used., With test
socket screws for insertion of test plugs, nom. voltage: 500 V, nominal current: 20 A, 1 level,
connection method: Screw connection with spring support, Rated cross section: 4 mm2, cross
section: 0.2 mm2 - 6 mm2, mounting: NS 35/7,5, NS 35/15, NS 32, color: gray




Similar Part No. - 3070303

ManufacturerPart #DatasheetDescription
logo
Littelfuse
307030 LITTELFUSE-307030 Datasheet
86Kb / 1P
Axial Lead and Cartridge Fuses
307030 LITTELFUSE-307030 Datasheet
30Kb / 1P
Axial Lead and Cartridge Fuses
logo
PHOENIX CONTACT
3070301 PHOENIX-3070301 Datasheet
245Kb / 9P
USST 4-TG - Disconnect terminal block
3070305 PHOENIX-3070305 Datasheet
217Kb / 8P
USST 4-MT BU - Knife-disconnect terminal block
More results


Similar Description - 3070303

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3046169 PHOENIX-3046169 Datasheet
73Kb / 4P
Disconnect terminal block - UT 4-TG-P/P-EX
3046582 PHOENIX-3046582 Datasheet
164Kb / 20P
Disconnect terminal block - UT 2,5-TG-P/P BU
3046605 PHOENIX-3046605 Datasheet
152Kb / 18P
Feed-through terminal block - UT 4-TWIN-TG P/P
3064030 PHOENIX-3064030 Datasheet
80Kb / 5P
Disconnect terminal block - UT 4-QUATTRO-TG P/P
3073296 PHOENIX-3073296 Datasheet
150Kb / 17P
Feed-through terminal block - UT 4-TG-P/P BU
3073869 PHOENIX-3073869 Datasheet
187Kb / 20P
Disconnect terminal block - UT 6-TG P/P
3073870 PHOENIX-3073870 Datasheet
73Kb / 4P
Disconnect terminal block - UT 6-TG P/P-EX
3073872 PHOENIX-3073872 Datasheet
74Kb / 5P
Disconnect terminal block - UT 6-TG P/P BU
3044644 PHOENIX-3044644 Datasheet
454Kb / 22P
Disconnect terminal block - UTTB 2,5-TG-P/P
3047453 PHOENIX-3047453 Datasheet
544Kb / 27P
Test disconnect terminal block - UTME 4-P/P
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com