Electronic Components Datasheet Search
  English  ▼

X  

TPS65219 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS65219 Datasheet PDF - Texas Instruments
Part # TPS65219
Download  TPS65219 Download
File Size   4444.55 Kbytes
Page   162 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs

TPS65219 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65219 Datasheet PDF - Texas Instruments

Part # TPS65219
Download  TPS65219 Click to download

File Size   4444.55 Kbytes
Page   162 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs

TPS65219 Datasheet (HTML) - Texas Instruments


TPS65219 Product details

1 Features
• 3 buck converters at up to 2.3 MHz switching
frequency.
– 1× VIN: 2.5V – 5.5V; IOUT: 3.5A; VOUT 0.6V –
3.4V
– 2× VIN: 2.5 V – 5.5 V; IOUT: 2A; VOUT 0.6V –
3.4V
• 4 linear regulators:
– 2x VIN: 1.5V – 5.5V; IOUT: 400mA; VOUT: 0.6V –
3.4V (configurable as load switch and bypassmode,
supporting SD-card)
– 2x VIN: 2.2V – 5.5V; IOUT: 300mA; VOUT: 1.2V –
3.3V (configurable as load switch)
• Dynamic voltage scaling on all three buck
converters
• Low IQ/PFM, PWM-mode (quasi-fixed frequency)
• Programmable power sequencing and default
voltages
• I2C interface, supporting standard, fast-mode and
fast-mode+
• Designed to support systems with 14+ rails (2×
TPS65219 devices in multi-PMIC configuration)
• 2 GPOs, 1 GPIO, and 3 multi-function-pins
• EEPROM programmability

2 Applications
• Low power industrial MPUs and MCUs such as
AM62x, AM64x and AM243x
• HMI
• PLC
• Industrial PC
• Building security
• HVAC
• Video surveillance
• Data concentrators
• Smart meter
• Protection relays
• Patient monitoring and diagnostics
• Imaging

3 Description
The TPS65219 is a Power Management IC (PMIC)
designed to supply a wide range of SoCs in both
portable and stationary applications. The device
is characterized across an ambient temperature
range of -40°C to +105°C, making the PMIC an
excellent choice for various industrial applications.
The device includes three synchronous stepdown DCDC
converters and four linear regulators.
The DC-DC converters are capable of 1x 3.5A and 2x
2 A. The converters require a small 470nH inductor,
4.7μF input capacitance, and a minimum 10μF output
capacitance per rail depending on the switching mode
configuration.
Two of the LDOs support output currents of 400mA at
an output voltage range of 0.6V to 3.4V. These LDOs
support bypass mode, acting as a load-switch, and
allow voltage-changes during operation. The other
two LDOs support output currents of 300mA at an
output voltage range of 1.2V to 3.3V. These LDOs
also support load-switch mode.
The I2C-interface, IOs, GPIOs and multi-function-pins
(MFP) allow a seamless interface to a wide range of
SoCs.




Similar Part No. - TPS65219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65219 TI-TPS65219 Datasheet
3Mb / 133P
TPS65219 Integrated Power Management IC for ARM Cortex?볾53 Processors and FPGAs
MAY 2022
TPS65219 TI-TPS65219 Datasheet
3Mb / 150P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TPS65219 TI-TPS65219 Datasheet
2Mb / 130P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex—A53 Processors
DECEMBER 2022
TPS65219 TI-TPS65219 Datasheet
3Mb / 154P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex®—A53 Processors
REVISED MAY 2023
TPS65219 TI1-TPS65219 Datasheet
3Mb / 153P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
More results


Similar Description - TPS65219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65218D0 TI1-TPS65218D0 Datasheet
1Mb / 110P
Power Management for ARM Cortex-A8/A9 SOCs
TPS6521855 TI-TPS6521855 Datasheet
2Mb / 94P
TPS6521855 Power Management IC (PMIC) for AM64x Arm짰Cortex짰-A53 Processors
TPS65219 TI-TPS65219 Datasheet
3Mb / 133P
TPS65219 Integrated Power Management IC for ARM Cortex?볾53 Processors and FPGAs
MAY 2022
TPS65220 TI-TPS65220 Datasheet
2Mb / 130P
TPS65220 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
DECEMBER 2022
TPS65219 TI-TPS65219_V01 Datasheet
3Mb / 150P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TPS65219-Q1 TI-TPS65219-Q1 Datasheet
2Mb / 130P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex—A53 Processors
DECEMBER 2022
TPS65219-Q1 TI-TPS65219-Q1_V01 Datasheet
3Mb / 154P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex®—A53 Processors
REVISED MAY 2023
TPS65219 TI1-TPS65219_V02 Datasheet
3Mb / 153P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TPS65220 TI1-TPS65220_V01 Datasheet
3Mb / 154P
TPS65220 Integrated Power Management IC for ARM Cortex®—A53 ProcessorsA53 Processors and FPGAs
REVISED JULY 2023
TPS65219 TI-TPS65219_V03 Datasheet
4Mb / 156P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com