Electronic Components Datasheet Search
  English  ▼

X  

TPS65219 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS65219 Datasheet PDF - Texas Instruments
Part # TPS65219
Download  TPS65219 Download
File Size   2593.0 Kbytes
Page   130 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS65219-Q1 Integrated Power Management IC for ARM Cortex—A53 Processors

TPS65219 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65219 Datasheet PDF - Texas Instruments

Part # TPS65219
Download  TPS65219 Click to download

File Size   2593.0 Kbytes
Page   130 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS65219-Q1 Integrated Power Management IC for ARM Cortex—A53 Processors

TPS65219 Datasheet (HTML) - Texas Instruments


TPS65219 Product details

1 Features
• 3 Buck converters at up to 2.3-MHz non-fixed
switching frequency or fixed frequency mode:
– 1x VIN: 2.5 V – 5.5 V; IOUT: 3.5 A; VOUT 0.6 V –
3.4 V
– 2x VIN: 2.5 V – 5.5 V; IOUT: 2 A; VOUT 0.6 V –
3.4 V
• 4 linear regulators:
– 2x VIN: 1.5 V – 5.5 V; IOUT: 400 mA; VOUT:
0.6 V – 3.4 V (configurable as load switch and
bypass-mode, supporting SD-Card)
– 2x VIN: 2.2 V – 5.5 V; IOUT: 300 mA; VOUT: 1.2
V – 3.3 V (configurable as load switch)
• Dynamic voltage scaling on all three buck
converters
• Low IQ/PFM, PWM-mode (quasi-fixed frequency)
or fixed frequency mode
• Programmable power sequencing and default
voltages
• I2C interface, supporting standard, fast-mode and
fast-mode+
• Designed to support systems with up to 14+ rails
(2x TPS65219-Q1 7 rails each + GPO-controlled
external rails)
• 2 GPOs, 1 GPIO, and 3 multi-function-pins
• EEPROM programmability
• Functional safety capable

2 Applications
• Low power automotive MPUs such as AM62x-Q1
and AM64x-Q1
• Head units, digital cluster, telematic control units,
lidar proc.
• DMS/OMS, eMirror and CMS
• ISP and deep learning

3 Description
The TPS65219-Q1 is a Power Management IC
(PMIC) designed to supply a wide range of SoCs in
automotive applications. The device is characterized
across an ambient temperature range of -40°C to
+125°C, making the PMIC an excellent choice for
automotive applications. The device includes three
synchronous stepdown DC-DC converters and four
linear regulators.
The DC-DC converters are capable of 1x 3.5 A and 2x
2 A. The converters require a small 470 nH inductor,
4.7 μF input capacitance, and a minimum 10 μF
output capacitance per rail.
Two of the LDOs support output currents of 400
mA at an output voltage range of 0.6 V to 3.4 V.
These LDOs support bypass mode, acting as a loadswitch,
and allow voltage-changes during operation.
The other two LDOs support output currents of 300
mA at an output voltage range of 1.2 V to 3.3 V. The
LDOs also support load-switch mode.
The I2C-interface, IOs, GPIOs and multi-function-pins
(MFP) allow a seamless interface to a wide range of
SoCs.




Similar Part No. - TPS65219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65219 TI-TPS65219 Datasheet
3Mb / 133P
TPS65219 Integrated Power Management IC for ARM Cortex?볾53 Processors and FPGAs
MAY 2022
TPS65219 TI-TPS65219 Datasheet
3Mb / 150P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TPS65219 TI-TPS65219 Datasheet
3Mb / 154P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex®—A53 Processors
REVISED MAY 2023
TPS65219 TI1-TPS65219 Datasheet
3Mb / 153P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TPS65219 TI-TPS65219 Datasheet
4Mb / 156P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
More results


Similar Description - TPS65219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65218D0 TI1-TPS65218D0 Datasheet
1Mb / 110P
Power Management for ARM Cortex-A8/A9 SOCs
logo
Advantech Co., Ltd.
EPC-R4760 ADVANTECH-EPC-R4760 Datasheet
496Kb / 2P
Qualcomm APQ-8016 Cortex-A53 ARM Based Box Computer
logo
Texas Instruments
TPS6521855 TI-TPS6521855 Datasheet
2Mb / 94P
TPS6521855 Power Management IC (PMIC) for AM64x Arm짰Cortex짰-A53 Processors
TPS65219 TI-TPS65219 Datasheet
3Mb / 133P
TPS65219 Integrated Power Management IC for ARM Cortex?볾53 Processors and FPGAs
MAY 2022
TPS65220 TI-TPS65220 Datasheet
2Mb / 130P
TPS65220 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
DECEMBER 2022
TPS65219 TI-TPS65219_V01 Datasheet
3Mb / 150P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TPS65219-Q1 TI-TPS65219-Q1_V01 Datasheet
3Mb / 154P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex®—A53 Processors
REVISED MAY 2023
TPS65219 TI1-TPS65219_V02 Datasheet
3Mb / 153P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
TPS65220 TI1-TPS65220_V01 Datasheet
3Mb / 154P
TPS65220 Integrated Power Management IC for ARM Cortex®—A53 ProcessorsA53 Processors and FPGAs
REVISED JULY 2023
TPS65219 TI-TPS65219_V03 Datasheet
4Mb / 156P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com