Electronic Components Datasheet Search
  English  ▼

X  

1013948 Datasheet (PDF) - PHOENIX CONTACT

1013948 Datasheet PDF - PHOENIX CONTACT
Part # 1013948
Download  1013948 Download
File Size   565.49 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-Q05-I-PT-F - Contact insert

1013948 Datasheet (PDF)

Go To PDF Page Download Datasheet
1013948 Datasheet PDF - PHOENIX CONTACT

Part # 1013948
Download  1013948 Click to download

File Size   565.49 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-Q05-I-PT-F - Contact insert

1013948 Datasheet (HTML) - PHOENIX CONTACT


1013948 Product details

Contact insert, number of positions: 5+PE, size: D7, power contacts: 5, number of connections
per position: 1, Socket, Push-in connection, 230 V, 16 A, 0.5 mm2 ... 2.5 mm2, application: Power

Your advantages
• Easy installation without tools, even when mounted, with push-in connection technology
• Shortest installation time compared to other connection technologies
• Quick and effortless wiring, in particular when space is tight
• Automatic cabling with robots possible
• Safe wiring and operation with color-coded actuators
• Shock and vibration-resistant in accordance with DIN EN 61373




Similar Part No. - 1013948

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013940000 WEIDMULLER-1013940000 Datasheet
354Kb / 4P
SLD 5.08V/08/90B 3.2 SN GN BX
logo
PHOENIX CONTACT
1013944 PHOENIX-1013944 Datasheet
243Kb / 7P
PABA RD/15 - Insert label
1013947 PHOENIX-1013947 Datasheet
598Kb / 8P
HC-Q05-I-PT-M - Contact insert
More results


Similar Description - 1013948

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1406537 PHOENIX-1406537 Datasheet
70Kb / 3P
Contact insert - HC-Q05-I-CT-F
1407727 PHOENIX-1407727 Datasheet
93Kb / 4P
Contact insert - HC-B06-I-PT-F
1407729 PHOENIX-1407729 Datasheet
95Kb / 4P
Contact insert - HC-B10-I-PT-F
1407731 PHOENIX-1407731 Datasheet
96Kb / 4P
Contact insert - HC-B16-I-PT-F
1407735 PHOENIX-1407735 Datasheet
96Kb / 4P
Contact insert - HC-B24-I-PT-F
1407743 PHOENIX-1407743 Datasheet
98Kb / 5P
Contact insert - HC-HV03-I-PT-F
1407745 PHOENIX-1407745 Datasheet
98Kb / 5P
Contact insert - HC-HV10-I-PT-F
1585362 PHOENIX-1585362 Datasheet
89Kb / 4P
Contact insert - HC-A10-I-PT-F
1014421 PHOENIX-1014421 Datasheet
949Kb / 20P
Contact insert - HC-BB32-I-PT-F
Jul 21, 2022
1014423 PHOENIX-1014423 Datasheet
941Kb / 20P
Contact insert - HC-BB46-I-PT-F
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com