Electronic Components Datasheet Search
  English  ▼

X  

1013944 Datasheet (PDF) - PHOENIX CONTACT

1013944 Datasheet PDF - PHOENIX CONTACT
Part # 1013944
Download  1013944 Download
File Size   243.33 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PABA RD/15 - Insert label

1013944 Datasheet (PDF)

Go To PDF Page Download Datasheet
1013944 Datasheet PDF - PHOENIX CONTACT

Part # 1013944
Download  1013944 Click to download

File Size   243.33 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PABA RD/15 - Insert label

1013944 Datasheet (HTML) - PHOENIX CONTACT


1013944 Product details

Insert label, Strip, red, unlabeled, can be labeled with: CMS-P1-PLOTTER, cable diameter
range: 0.6 ... 50 mm, mounting type: slide-on, Number of individual labels: 20, text field height: 4
mm, text field width: 15 mm




Similar Part No. - 1013944

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013940000 WEIDMULLER-1013940000 Datasheet
354Kb / 4P
SLD 5.08V/08/90B 3.2 SN GN BX
logo
PHOENIX CONTACT
1013947 PHOENIX-1013947 Datasheet
598Kb / 8P
HC-Q05-I-PT-M - Contact insert
1013948 PHOENIX-1013948 Datasheet
565Kb / 7P
HC-Q05-I-PT-F - Contact insert
More results


Similar Description - 1013944

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803436 PHOENIX-0803436 Datasheet
42Kb / 2P
Plastic label - EMLP (EX30)R RD
0803280 PHOENIX-0803280 Datasheet
42Kb / 2P
Plastic label - EMLP (EX15)R RD
0803848 PHOENIX-0803848 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5)
0803851 PHOENIX-0803851 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26)
0803856 PHOENIX-0803856 Datasheet
50Kb / 2P
Insert label - US-EMT (103X23)
0803858 PHOENIX-0803858 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109)
0815703 PHOENIX-0815703 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R RD
0830841 PHOENIX-0830841 Datasheet
54Kb / 2P
Plastic label - US-EMLP (85,6X54) RD
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1013753 PHOENIX-1013753 Datasheet
52Kb / 3P
Insert label - PABA WH/10
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com