Electronic Components Datasheet Search
  English  ▼

X  

1953363 Datasheet (PDF) - PHOENIX CONTACT

1953363 Datasheet PDF - PHOENIX CONTACT
Part # 1953363
Download  1953363 Download
File Size   446.84 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/17-G1-3,5 RNP14THR - PCB header

1953363 Datasheet (PDF)

Go To PDF Page Download Datasheet
1953363 Datasheet PDF - PHOENIX CONTACT

Part # 1953363
Download  1953363 Click to download

File Size   446.84 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/17-G1-3,5 RNP14THR - PCB header

1953363 Datasheet (HTML) - PHOENIX CONTACT


1953363 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 34, number
of rows: 2, number of positions: 17, number of connections: 34, product range: MCDN 1,5/..-G1-
RN-THR, pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 1.4 mm, number of solder pins per potential: 1, plug-in system: COMBICON FMC
1,5 - MCDN 1,5, Pin connector pattern alignment: Standard, locking: Snap-in locking, mounting:
Engagement nose, type of packaging: packed in cardboard, Article with engagement nose. The
pin length is 14 mm. User information and design recommendations on Through Hole Reflow
Technology can be found at: "Downloads"

Your advantages
• Designed for integration into the SMT soldering process
• Intuitive locking mechanism prevents accidental disconnection
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1953363

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
19533 ALPHAWIRE-19533 Datasheet
98Kb / 4P
Customer SpecificationS
12/12/2022
logo
PHOENIX CONTACT
1953305 PHOENIX-1953305 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/12-G1-3,5 RNP14THR
1953318 PHOENIX-1953318 Datasheet
475Kb / 11P
MCDN 1,5/13-G1-3,5 RNP14THR - PCB header
1953321 PHOENIX-1953321 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/14-G1-3,5 RNP14THR
1953334 PHOENIX-1953334 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/15-G1-3,5 RNP14THR
09/12/2020
More results


Similar Description - 1953363

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1953392 PHOENIX-1953392 Datasheet
124Kb / 6P
Feed-through header - MCDN 1,5/20-G1-3,5 RNP14THR
1953389 PHOENIX-1953389 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/19-G1-3,5 RNP14THR
1953376 PHOENIX-1953376 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/18-G1-3,5 RNP14THR
1953321 PHOENIX-1953321 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/14-G1-3,5 RNP14THR
1953224 PHOENIX-1953224 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/ 4-G1-3,5 RNP14THR
1953266 PHOENIX-1953266 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/ 8-G1-3,5 RNP14THR
09/12/2020
1953334 PHOENIX-1953334 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/15-G1-3,5 RNP14THR
09/12/2020
1953282 PHOENIX-1953282 Datasheet
485Kb / 11P
MCDN 1,5/10-G1-3,5 RNP14THR - PCB header
1953237 PHOENIX-1953237 Datasheet
485Kb / 11P
MCDN 1,5/ 5-G1-3,5 RNP14THR - PCB header
1953677 PHOENIX-1953677 Datasheet
402Kb / 10P
MCDN 1,5/17-G1-3,5 RNP26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com