Electronic Components Datasheet Search
  English  ▼

X  

19533 Datasheet (PDF) - Alpha Wire

19533 Datasheet PDF - Alpha Wire
Part # 19533
Download  19533 Download
File Size   98.44 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

19533 Datasheet (PDF)

Go To PDF Page Download Datasheet
19533 Datasheet PDF - Alpha Wire

Part # 19533
Download  19533 Click to download

File Size   98.44 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

19533 Datasheet (HTML) - Alpha Wire


19533 Product details

Construction
Diameters (In)
1) Component 1 3 X 1 COND
a) Conductor 16 (26/30) AWG BC 0.060
b) Insulation 0.032" Wall, Nom. EPDM Rubber 0.123
(1) Separator Paper Tape, 10% Overlap, Min.
(2) Color(s)
Cond Color Cond Color Cond Color
1 BLACK 2 WHITE 3 GREEN
2) Cable Assembly 3 Components Cabled
a) Twists: 4.8 Twists/foot (min)
3) Jacket
0.034" Wall, Nom.,Chlorinated
Polyethylene (CPE)
0.348+/- 0.012
a) Color(s) BLACK
b) Jacket Separator Tissue Tape, 25% Overlap, Min.
c) Print
ALPHA WIRE-* P/N 1953/3 3C 16 AWG (1.32mm2)
(UL) C(UL) TYPE SJ 90C 300V FT2
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 19533

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1953305 PHOENIX-1953305 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/12-G1-3,5 RNP14THR
1953318 PHOENIX-1953318 Datasheet
475Kb / 11P
MCDN 1,5/13-G1-3,5 RNP14THR - PCB header
1953321 PHOENIX-1953321 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/14-G1-3,5 RNP14THR
1953334 PHOENIX-1953334 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/15-G1-3,5 RNP14THR
09/12/2020
1953350 PHOENIX-1953350 Datasheet
475Kb / 11P
MCDN 1,5/16-G1-3,5 RNP14THR - PCB header
More results


Similar Description - 19533

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com