Electronic Components Datasheet Search
  English  ▼

X  

NEX81802DA Datasheet (PDF) - Nexperia B.V. All rights reserved

NEX81802DA Datasheet PDF - Nexperia B.V. All rights reserved
Part # NEX81802DA
Download  NEX81802DA Download
File Size   805.54 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Adaptive Synchronous Rectifier (SR) Controller

NEX81802DA Datasheet (PDF)

Go To PDF Page Download Datasheet
NEX81802DA Datasheet PDF - Nexperia B.V. All rights reserved

Part # NEX81802DA
Download  NEX81802DA Click to download

File Size   805.54 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Adaptive Synchronous Rectifier (SR) Controller

NEX81802DA Datasheet (HTML) - Nexperia B.V. All rights reserved


NEX81802DA Product details

1. General description
The NEX81801DA and NEX81802DA
(NEX81801/2DA) are high performance synchronous
rectification controllers used in switching mode power
supplies. It supports operation in Discontinuous
Conduction Mode (DCM), Continuous Conduction
Mode (CCM) and quasi-resonant flyback converters.
The NEX81801/2DA regulates the forward drop
voltage of an external synchronous rectifier (SR)
MOSFET in two stages. This allows the SR FET to turn
off quickly when the VDS becomes positive.
The externally adjustable turn-on blanking time can
effectively prevent the synchronous rectifier from
being falsely turned off due to leakage inductance and
parasitic parameter oscillation.
The adaptive turn-on detection circuit can prevent
the SR from being mistakenly turned on when the
VDS DCM oscillation crosses zero during some load
conditions. The adaptive turn-on detection circuit also
enhances SR conduction efficiency during light load
conditions, thereby improving the average efficiency of
the power supply across the entire load range.
The synchronous switch can be configured at high-side
or low-side output without auxiliary windings or other
power sources, because the NEX81801/2DA has a
self-supply capability.
The NEX81801/2DA uses TSOT23-6 packaging with
low thermal resistance. This can effectively reduce the
junction temperature of the chip, making it suitable for
high-density power supply design.

2. Features and benefits
• Supports DCM, CCM, QR operation
• Supports up to 800 kHz switching frequency
• Standard and logic level MOSFET driving capability
• Wide output range down to 0 V with 2-channel VCC
supply
• No need for auxiliary winding for high-side or lowside
rectification
• Smart proportional gate driver for fast SR turn-off at
CCM
• Adjustable turn-on blanking time for increased
noise immunity
• Proprietary adaptive turn-on detection prevents SR
FET from falsely turning on during DCM operation
• 10 ns typical turn-off propagation delay
• Available in a TSOT23-6 FC package
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2
exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C2a
exceeds 500 V

3. Applications
• USB PD/QC chargers
• AC/DC adapters for portable devices
• Flyback SMPS with high-efficiency requirements




Similar Part No. - NEX81802DA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NEX806 NEXPERIA-NEX806 Datasheet
372Kb / 21P
Wide Vcc range quasi-resonant flyback controller
Rev. 1 30 September 2024
NEX80601DA NEXPERIA-NEX80601DA Datasheet
372Kb / 21P
Wide Vcc range quasi-resonant flyback controller
Rev. 1 30 September 2024
NEX80602DA NEXPERIA-NEX80602DA Datasheet
372Kb / 21P
Wide Vcc range quasi-resonant flyback controller
Rev. 1 30 September 2024
NEX80605DA NEXPERIA-NEX80605DA Datasheet
372Kb / 21P
Wide Vcc range quasi-resonant flyback controller
Rev. 1 30 September 2024
NEX80611DA NEXPERIA-NEX80611DA Datasheet
372Kb / 21P
Wide Vcc range quasi-resonant flyback controller
Rev. 1 30 September 2024
More results


Similar Description - NEX81802DA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6210 FAIRCHILD-FAN6210 Datasheet
489Kb / 11P
Primary-Side Synchronous Rectifier (SR) Trigger Controller for Dual Forward Converter
FAN6210 FAIRCHILD-FAN6210_10 Datasheet
494Kb / 11P
Primary-Side Synchronous Rectifier (SR) Trigger Controller
logo
Texas Instruments
UCC24636 TI1-UCC24636 Datasheet
2Mb / 35P
Synchronous Rectifier (SR) Controller
logo
STMicroelectronics
EVLSRK1000-PF STMICROELECTRONICS-EVLSRK1000-PF Datasheet
189Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000A-PF STMICROELECTRONICS-EVLSRK1000A-PF Datasheet
190Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000B-PF STMICROELECTRONICS-EVLSRK1000B-PF Datasheet
190Kb / 4P
SRK1000B adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1001-PF STMICROELECTRONICS-EVLSRK1001-PF Datasheet
272Kb / 4P
SRK1001 adaptive synchronous rectification controller for flyback converter demonstration board with SR MOSFET
30-Oct-2019
EVLSRK1001-TO STMICROELECTRONICS-EVLSRK1001-TO Datasheet
2Mb / 4P
SRK1001 adaptive synchronous rectification controller for flyback converter demonstration board with SR MOSFET
30-Oct-2019
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
SRK1001 STMICROELECTRONICS-SRK1001 Datasheet
605Kb / 27P
Adaptive synchronous rectification controller for flyback converter
29-Nov-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com