Electronic Components Datasheet Search
  English  ▼

X  

NEX80602DA Datasheet (PDF) - Nexperia B.V. All rights reserved

NEX80602DA Datasheet PDF - Nexperia B.V. All rights reserved
Part # NEX80602DA
Download  NEX80602DA Download
File Size   372.89 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Wide Vcc range quasi-resonant flyback controller

NEX80602DA Datasheet (PDF)

Go To PDF Page Download Datasheet
NEX80602DA Datasheet PDF - Nexperia B.V. All rights reserved

Part # NEX80602DA
Download  NEX80602DA Click to download

File Size   372.89 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Wide Vcc range quasi-resonant flyback controller

NEX80602DA Datasheet (HTML) - Nexperia B.V. All rights reserved


NEX80602DA Product details

1. General description
The NEX806 device series (NEX806xx) are
high frequency quasi-resonant PWM controllers
implemented with peak current mode control. As
the load changes, the NEX806 device automatically
switches mode between Quasi-Resonant (QR) mode,
Discontinuous Conduction Mode (DCM) and Pulse
Frequency Modulation (PFM) mode to maintain
a high efficiency across the entire load range. To
achieve an ultralow standby power, Burst Mode (BM) is
implemented in very light load or no-load condition.
The wide 10 V to 83 V VCC range makes NEX806xx
devices suitable for wide output voltage range
applications, such as USB PD/PPS which require an
output range between 3.3 V to 21 V .
The NEX806xx offers comprehensive protection
including output OV/UV, VCC OV/UV, OPP, OCP, line
voltage BROWN-IN/OUT, secondary SR short, CS
open/short, internal/external OTP, etc.
Furthermore, spread spectrum and smart driving
functions can minimize noise and improve EMI
performance.
The NEX806xx device series comes in a cost-effective
TSOT23-6 package.

2. Features and benefits
• Wide VCC range (10 V-83 V) supports PD/PPS
• Direct GaN driver
• Valley switching operation in QR/DCM/PFM
• Burst Mode with ultra-low operation current in light
load and no load
• 130 kHz or 170 kHz maximum frequency options
• Internal Soft Start (SST)
• Output Over Voltage Protection (OVP)
• Spread spectrum for better EMI
• Internal Over Temperature Protection (OTP)
• External OTP by NTC resistor
• VCC Over/Under Voltage Protection (VCC OV/UV)
• Line voltage brown-in /brown-out (BNI/BNO)
• Output Short Circuit Protection (SCP)
• CS Open/Short Protection
• Secondary Rectifier Short Protection (SRSP)
• Overload Protection (OLP)
• Overpower Protection (OPP) to meet LPS
• TSOT23-6 package

3. Applications
• USB PD/QC chargers
• AC/DC adapters for portable devices
• Auxiliary power for industrial and home equipment




Similar Part No. - NEX80602DA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NEX8080 NEXPERIA-NEX8080 Datasheet
377Kb / 21P
Wide Vcc range multi-mode flyback controller
Rev. 1 30 September 2024
NEX80801DA NEXPERIA-NEX80801DA Datasheet
377Kb / 21P
Wide Vcc range multi-mode flyback controller
Rev. 1 30 September 2024
NEX80805DA NEXPERIA-NEX80805DA Datasheet
377Kb / 21P
Wide Vcc range multi-mode flyback controller
Rev. 1 30 September 2024
NEX80806 NEXPERIA-NEX80806 Datasheet
370Kb / 20P
Adaptive multi-mode flyback controller
Rev. 2 28 October 2024
NEX80806DA NEXPERIA-NEX80806DA Datasheet
370Kb / 20P
Adaptive multi-mode flyback controller
Rev. 2 28 October 2024
More results


Similar Description - NEX80602DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_14 Datasheet
1,021Kb / 32P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
NCP1343 ONSEMI-NCP1343_V01 Datasheet
782Kb / 43P
High Frequency Quasi- Resonant Flyback Controller
July, 2021 - Rev. 4
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com