Electronic Components Datasheet Search
  English  ▼

X  

LM51772 Datasheet (PDF) - Texas Instruments

LM51772 Datasheet PDF - Texas Instruments
Part # LM51772
Download  LM51772 Download
File Size   4033.91 Kbytes
Page   112 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing

LM51772 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM51772 Datasheet PDF - Texas Instruments

Part # LM51772
Download  LM51772 Click to download

File Size   4033.91 Kbytes
Page   112 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing

LM51772 Datasheet (HTML) - Texas Instruments


LM51772 Product details

1 Features
• Input range from 3.5V to 36V
• Dynamical Vo programming via I2C from:
– 3.3V up to 48V in 20mV steps
– 1V up to 24V in 10mV steps
• Peak current regulation control
• Small voltage transition ripple over all operating
modes
• Shut down quiescent current 3μA
• Operating quiescent current 60μA
• Drive (DRV) pin for dual role port power path
– Push-Pull output for fast pMOS FET control
– Configurable as charge pump driver stage for
nMOS FET
• Operation mode selection for high efficiency in light
load and high load conditions:
– Power save mode (Single Pulse/μSleep)
– Automatic conduction mode
• Integrated high voltage supply LDO
• Auxiliary high voltage LDO for PD-controller supply
• Integrated full-bridge gate drive
– 2A peak current capability
– Bootstrap over and under-voltage protection
– Integrated boot-strap diode
• Fixed frequency independent from operating mode
(boost, buck-boost, buck)
– Forced PWM mode selectable
– Switching frequency from 100kHz to 600kHz
– External clock synchronization and clock output
• Average input or output current sensor
– Programmable from 0.5A to 7A in 50mA steps
– ISET pin selectable
• I2C Interface readout of monitoring features
• Commercial temperature range (Tj = 0°C to 70°C)
• Create a custom design using the LM251772 with
the WEBENCH® Power Designer

2 Applications
• USB Type-C power delivery sourcing:
– Docking station
– PC-monitor
– Industrial PC/ Rugged PC
– USB AC/DC adapter
• Wireless charging

3 Description
The LM251772 is a four switch Buck-Boost controller.
It provides a regulated output voltage if the input
voltage is higher, equal or lower than the adjusted
output voltage. In power save mode the device
supports very high efficiency over the complete
operation range of the output. The output voltage and
average current can be dynamically programmed via
the integrated I2C interface. The configuration range
for output voltage and average current meet the USBPD
standard requirements. The integrated DRV pin
can control a disconnect FET to support dual role port
(DRP) requirements.




Similar Part No. - LM51772

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM51772 TI-LM51772 Datasheet
2Mb / 95P
LM51772 48-V 4 Switch Buck-Boost Controller with I2C interface
OCTOBER 2023
LM51772 TI1-LM51772 Datasheet
2Mb / 103P
LM51772 55V 4-Switch Buck-Boost Controller with I2C interface
MARCH 2024
LM51772 TI-LM51772 Datasheet
2Mb / 65P
LM51770 78-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
DECEMBER 2024
LM51772 TI2-LM51772 Datasheet
4Mb / 120P
LM51772-Q1 55V 4-Switch Buck-Boost Controller with I2C interface
REVISED OCTOBER 2025
LM51772-Q1 TI2-LM51772-Q1 Datasheet
2Mb / 70P
LM51770-Q1 80V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
SEPTEMBER 2025
More results


Similar Description - LM51772

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81239 ONSEMI-NCP81239 Datasheet
242Kb / 19P
USB Power Delivery 4-Switch Buck Boost Controller
July, 2016 ??Rev. 0
NCP81239 ONSEMI-NCP81239_18 Datasheet
253Kb / 20P
USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
logo
Monolithic Power System...
MPQ4210 MPS-MPQ4210 Datasheet
51Kb / 1P
40V, USB Type-C PD Synchronous Buck-Boost Controller with I2C AEC-Q100 Qualification in Progress
logo
ON Semiconductor
NCV81599 ONSEMI-NCV81599 Datasheet
1Mb / 33P
USB Power Delivery 4-Switch Buck Boost Controller
July, 2020 ??Rev. 0
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Richtek Technology Corp...
RT7882 RICHTEK-RT7882 Datasheet
925Kb / 31P
USB Type-C PD and PWM Buck-Boost Controller with AnyPowerTM and PD Safe Features
April 2023
RTQ7880A-QT RICHTEK-RTQ7880A-QT Datasheet
340Kb / 25P
USB Type-C PD and PWM Buck-Boost Controller with AnyPowerTM and PD Safe® Features
September 2021
logo
Texas Instruments
LM51772 TI-LM51772 Datasheet
2Mb / 95P
LM51772 48-V 4 Switch Buck-Boost Controller with I2C interface
OCTOBER 2023
TPS55289-Q1 TI1-TPS55289-Q1 Datasheet
5Mb / 53P
TPS55289-Q1 36V, 8A Buck-Boost Converter with I2C Interface
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com