Electronic Components Datasheet Search
  English  ▼

X  

LM51772 Datasheet (PDF) - Texas Instruments

LM51772 Datasheet PDF - Texas Instruments
Part # LM51772
Download  LM51772 Download
File Size   2593.45 Kbytes
Page   95 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM51772 48-V 4 Switch Buck-Boost Controller with I2C interface

LM51772 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM51772 Datasheet PDF - Texas Instruments

Part # LM51772
Download  LM51772 Click to download

File Size   2593.45 Kbytes
Page   95 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM51772 48-V 4 Switch Buck-Boost Controller with I2C interface

LM51772 Datasheet (HTML) - Texas Instruments


LM51772 Product details

1 Features
• Input range from 3.5 V to 55 V (absolute
maximum. 57 V)
• Output voltage 3.3 V to 48 V
• Dynamical Vo programming via I2C from 3.3 V
– up to 48 V in 20-mV monotonous steps
– up to 24 V in 10-mV monotonous steps
• Peak current regulation scheme
• Small voltage transition ripple over all operating
modes
• Dynamic output voltage tracking (digital PWM
tracking input, analog tracking input)
– Via I2C interface programming
• Shut down quiescent current 3 μA
• Operating quiescent current 60 μA
• DRV pin for external FET control
• Operation mode selection for high efficiency in light
load and high load conditions:
– Power save mode (burst/μSleep)
– Automatic/programmable conduction mode
• Integrated high voltage supply LDO
• Axillary high voltage LDO/reference
• Integrated full-bridge gate drive
– 2-A peak current capability
– Bootstrap over and under-voltage protection
– Integrated boot-strap diode
• Fixed frequency independent from operating mode
(boost, buck-boost, buck)
– Forced PWM mode selectable
– Switching frequency from 100 kHz to 2.2 MHz
– External clock synchronization and clock output
• Spread spectrum operation selectable
• High-side output current sensor
– Programmable from 1 A to 7 A in 50-mA steps
– ISET pin selectable
• I2C Interface readout of (device configuration,
enhanced monitoring features, programmable
thermal warning)
• Create a custom design using the LM51772 with
the WEBENCH® Power Designer

2 Applications
• USB Type-C power delivery (Docking station, PCmonitor,
Desktop PC)
• Wireless charging
• Industrial PC/ Rugged PC
• Battery backup unit
• Merchant DC/DC
• avionics / marine sonar
• Off-highway vehicle

3 Description
The LM51772 is a four switch Buck-Boost controller. It
provides a regulated output voltage if the input voltage
is higher, equal or lower than the adjusted output
voltage. In power save mode the device supports
very high efficiency over the complete operation
range of the output. The LM51772 runs at a fixed
switching frequency, which can be set via the RT/
SYNC pin. The switching frequency remains the
constant during buck, boost and buck-boost operation
in forced PWM. The external compensation pin allows
very fast transient responds for different applications.
(Continued)




Similar Part No. - LM51772

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM51772 TI1-LM51772 Datasheet
2Mb / 103P
LM51772 55V 4-Switch Buck-Boost Controller with I2C interface
MARCH 2024
LM51772 TI-LM51772 Datasheet
3Mb / 112P
LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
OCTOBER 2024
LM51772 TI-LM51772 Datasheet
2Mb / 65P
LM51770 78-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
DECEMBER 2024
LM51772 TI2-LM51772 Datasheet
4Mb / 120P
LM51772-Q1 55V 4-Switch Buck-Boost Controller with I2C interface
REVISED OCTOBER 2025
LM51772-Q1 TI2-LM51772-Q1 Datasheet
2Mb / 70P
LM51770-Q1 80V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
SEPTEMBER 2025
More results


Similar Description - LM51772

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
logo
Texas Instruments
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
TPS55288 TI1-TPS55288 Datasheet
1,010Kb / 45P
TPS55288 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55289 TI-TPS55289 Datasheet
3Mb / 48P
TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface
MARCH 2022
TPS55289 TI-TPS55289_V01 Datasheet
3Mb / 51P
TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface
REVISED AUGUST 2022
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com