Electronic Components Datasheet Search
  English  ▼

X  

TST10122C Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TST10122C Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TST10122C
Download  TST10122C Download
File Size   399.67 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 120V Trench Schottky Rectifier

TST10122C Datasheet (PDF)

Go To PDF Page Download Datasheet
TST10122C Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TST10122C
Download  TST10122C Click to download

File Size   399.67 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 120V Trench Schottky Rectifier

TST10122C Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TST10122C Product details

FEATURES
Excellent high temperature stability
Low forward voltage
Low power loss/ High efficiency
High forward surge capability
RoHS Compliant
Halogen-free
APPLICATIONS
Switching mode power supply (SMPS)
Adapters
DC to DC converters




Similar Part No. - TST10122C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TST10102C TSC-TST10102C Datasheet
397Kb / 6P
10A, 100V Trench Schottky Rectifier
Version: A2405
More results


Similar Description - TST10122C

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C10S120CT CITC-C10S120CT Datasheet
467Kb / 3P
10A Trench Schottky Rectifier
C10100CS CITC-C10100CS Datasheet
517Kb / 3P
10A Trench Schottky Rectifier
MBRF10L45CT-T CITC-MBRF10L45CT-T Datasheet
518Kb / 3P
10A Trench Schottky Rectifier
MBRF10L100CT-T CITC-MBRF10L100CT-T Datasheet
512Kb / 3P
10A Trench Schottky Rectifier
logo
PFC Device Inc.
PT10L120SP PFC-PT10L120SP Datasheet
726Kb / 5P
10A 120V HPTR Schottky Rectifier
PT10V120SP PFC-PT10V120SP Datasheet
728Kb / 5P
10A 120V HPTR Schottky Rectifier
PTR10L120CT PFC-PTR10L120CT Datasheet
775Kb / 7P
10A 120V HPTR짰 Schottky Rectifier
PTR10V120CT PFC-PTR10V120CT Datasheet
775Kb / 7P
10A 120V HPTR짰 Schottky Rectifier
PTR10120CT PFC-PTR10120CT Datasheet
773Kb / 7P
10A 120V HPTR Schottky Rectifier
PTS10V120 PFC-PTS10V120 Datasheet
565Kb / 5P
10A 120V HPTR Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com