Electronic Components Datasheet Search
  English  ▼

X  

TST10102C Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TST10102C Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TST10102C
Download  TST10102C Download
File Size   397.03 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 100V Trench Schottky Rectifier

TST10102C Datasheet (PDF)

Go To PDF Page Download Datasheet
TST10102C Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TST10102C
Download  TST10102C Click to download

File Size   397.03 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 100V Trench Schottky Rectifier

TST10102C Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TST10102C Product details

FEATURES
Excellent high temperature stability
Low forward voltage
Low power loss/ High efficiency
High forward surge capability
RoHS Compliant
Halogen-free
APPLICATIONS
Switching mode power supply (SMPS)
Adapters
DC to DC converters




Similar Part No. - TST10102C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TST10122C TSC-TST10122C Datasheet
399Kb / 6P
10A, 120V Trench Schottky Rectifier
Version: A2405
More results


Similar Description - TST10102C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSI10H100CW TSC-TSI10H100CW Datasheet
245Kb / 5P
10A, 100V - 200V Trench Schottky Rectifiers
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
10A, 100V - 200V Trench Schottky Rectifier
TSF10L100CW TSC-TSF10L100CW Datasheet
247Kb / 5P
10A, 100V - 200V Trench Schottky Rectifiers
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
10A, 100V - 200V Trench Schottky Rectifier
logo
PFC Device Inc.
PT10L100SP PFC-PT10L100SP Datasheet
726Kb / 5P
10A 100V HPTR Schottky Rectifier
PT10V100SP PFC-PT10V100SP Datasheet
727Kb / 5P
10A 100V HPTR Schottky Rectifier
PT10100E PFC-PT10100E Datasheet
649Kb / 6P
10A 100V HPTR짰 Schottky Rectifier
PTR10L100CT PFC-PTR10L100CT Datasheet
773Kb / 7P
10A 100V HPTR짰 Schottky Rectifier
PTR10100CT PFC-PTR10100CT Datasheet
770Kb / 7P
10A 100V HPTR Schottky Rectifier
PTS10100 PFC-PTS10100 Datasheet
560Kb / 5P
10A 100V HPTR Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com