Electronic Components Datasheet Search
  English  ▼

X  

RS31312 Datasheet (PDF) - Reed Semiconductor Corp.

RS31312 Datasheet PDF - Reed Semiconductor Corp.
Part # RS31312
Download  RS31312 Download
File Size   155.27 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 4.5V to 16V, 15A eFuse with Hot Swap Protection and Current Monitoring

RS31312 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS31312 Datasheet PDF - Reed Semiconductor Corp.

Part # RS31312
Download  RS31312 Click to download

File Size   155.27 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description 4.5V to 16V, 15A eFuse with Hot Swap Protection and Current Monitoring

RS31312 Datasheet (HTML) - Reed Semiconductor Corp.


RS31312 Product details

Features
• Wide input voltage range: 4.5V to 16V
• Integrated 2.7mΩ Pass MOSFET
• Adjustable current limit
• Adjustable hog-plug insertion time delay and
fault delay time
• Accurate current monitor
• Fast trip short-circuit protection: <200ns typical
• Adjustable output soft start time
• Configurable input over-voltage protection
• Load enable function and programmable
LOADEN blanking time
• Integrated over-temperature protection
• Input to output short circuit detection
• 3x5mm QFN package
• RoHS compliant and Green




Similar Part No. - RS31312

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RS31310 REED-RS31310 Datasheet
158Kb / 2P
Simple 5V/12V eFuse Protection Switches
RS31310A REED-RS31310A Datasheet
158Kb / 2P
Simple 5V/12V eFuse Protection Switches
RS31310AR REED-RS31310AR Datasheet
158Kb / 2P
Simple 5V/12V eFuse Protection Switches
RS31310AT REED-RS31310AT Datasheet
158Kb / 2P
Simple 5V/12V eFuse Protection Switches
RS31310B REED-RS31310B Datasheet
158Kb / 2P
Simple 5V/12V eFuse Protection Switches
More results


Similar Description - RS31312

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
MAX5961 MAXIM-MAX5961_09 Datasheet
117Kb / 2P
0 to 16V, Quad, Hot-Swap Controller with 10-Bit Current and Voltage Monitor
11/9/2009
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4282 LINER-LTC4282 Datasheet
1Mb / 18P
High Current Hot Swap Controller with I2C Compatible Monitoring
logo
Monolithic Power System...
MP5021 MPS-MP5021 Datasheet
966Kb / 19P
12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5021B MPS-MP5021B Datasheet
1Mb / 21P
12 V, 7 mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com