Electronic Components Datasheet Search
  English  ▼

X  

RS31310A Datasheet (PDF) - Reed Semiconductor Corp.

RS31310A Datasheet PDF - Reed Semiconductor Corp.
Part # RS31310A
Download  RS31310A Download
File Size   158.57 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description Simple 5V/12V eFuse Protection Switches

RS31310A Datasheet (PDF)

Go To PDF Page Download Datasheet
RS31310A Datasheet PDF - Reed Semiconductor Corp.

Part # RS31310A
Download  RS31310A Click to download

File Size   158.57 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description Simple 5V/12V eFuse Protection Switches

RS31310A Datasheet (HTML) - Reed Semiconductor Corp.


RS31310A Product details

Features
• 5V eFuse – RS31210
• 12V eFuse – RS31310
• Integrated 25mΩ Pass MOSFET
• Adjustable 2A to 5A current limit
• Adjustable input UVLO threshold
• Fixed over-voltage camp: 6.1V for RS31210
and 15V for RS31310
• Built-in over temperature protection
• UL 2367 Recognized
• Safe during single point failure test (UL60950)
• Small 3x3mm VSON package
• RoHS compliant and Green




Similar Part No. - RS31310A

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RS31311 REED-RS31311 Datasheet
188Kb / 2P
Simple 3.3V/5V/12V 4A eFuse Protection Switches
RS31311A REED-RS31311A Datasheet
188Kb / 2P
Simple 3.3V/5V/12V 4A eFuse Protection Switches
RS31311AR REED-RS31311AR Datasheet
188Kb / 2P
Simple 3.3V/5V/12V 4A eFuse Protection Switches
RS31311AR REED-RS31311AR Datasheet
409Kb / 8P
Simple 3.3V/5V/12V 4A eFuse Protection Switches
RS31311B REED-RS31311B Datasheet
188Kb / 2P
Simple 3.3V/5V/12V 4A eFuse Protection Switches
More results


Similar Description - RS31310A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
DC Fan - 5V, 12V
logo
Diodes Incorporated
AP91352 DIODES-AP91352 Datasheet
671Kb / 12P
SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
Rev erse
logo
Texas Instruments
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
5V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
Simple 5V/12V eFuse Protection Switches
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com