Electronic Components Datasheet Search
  English  ▼

X  

1239714 Datasheet (PDF) - PHOENIX CONTACT

1239714 Datasheet PDF - PHOENIX CONTACT
Part # 1239714
Download  1239714 Download
File Size   403.2 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-SQ-M12MSD-4CON-25F/0,5X - Device connector front mounting

1239714 Datasheet (PDF)

Go To PDF Page Download Datasheet
1239714 Datasheet PDF - PHOENIX CONTACT

Part # 1239714
Download  1239714 Click to download

File Size   403.2 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-SQ-M12MSD-4CON-25F/0,5X - Device connector front mounting

1239714 Datasheet (HTML) - PHOENIX CONTACT


1239714 Product details

Device connector front mounting, PROFINET CAT5 (IEC 11801:2002), 4-position, Pin, straight,
M12, coding: D, on free cable end, Front mounting, Square flange, Individual wires, cable length:
0.5 m, 0.34 mm2, TPE litz wire, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %)

Your advantages
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1239714

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1239710 PHOENIX-1239710 Datasheet
400Kb / 8P
SACC-MCI-M12MSB-5CON/0,5X - Contact carrier
1239711 PHOENIX-1239711 Datasheet
439Kb / 9P
SACC-MCI-M12MS-4CON/0,5X - Contact carrier
1239712 PHOENIX-1239712 Datasheet
440Kb / 10P
SACC-MCI-M12MS-5CON/0,5X - Contact carrier
1239713 PHOENIX-1239713 Datasheet
367Kb / 8P
SACC-MCI-M12MSD-4CON/0,5X - Contact carrier
1239715 PHOENIX-1239715 Datasheet
426Kb / 12P
SACC-SQ-M12FSD-4CON-25F/0,5X - Device connector front mounting
More results


Similar Description - 1239714

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1420003 PHOENIX-1420003 Datasheet
468Kb / 12P
SACC-SQ-M12FS-4CON-25F/0,5 - Device connector front mounting
1456420 PHOENIX-1456420 Datasheet
404Kb / 10P
SACC-SQ-M12FS-4CON-20-L180 - Device connector front mounting
1440973 PHOENIX-1440973 Datasheet
500Kb / 11P
SACC-SQ-M12MS-5CON-25F/0,5 - Device connector front mounting
1441561 PHOENIX-1441561 Datasheet
482Kb / 10P
SACC-SQ-M12MS-8CON-25F/0,5 - Device connector front mounting
1419797 PHOENIX-1419797 Datasheet
520Kb / 12P
SACC-SQ-M12FS-4CON-20/0,5 - Device connector front mounting
1419991 PHOENIX-1419991 Datasheet
524Kb / 12P
SACC-SQ-M12MS-4CON-25F/0,5 - Device connector front mounting
1440986 PHOENIX-1440986 Datasheet
1Mb / 12P
SACC-SQ-M12FS-5CON-25F/0,5 - Device connector front mounting
1441574 PHOENIX-1441574 Datasheet
488Kb / 11P
SACC-SQ-M12FS-8CON-25F/0,5 - Device connector front mounting
1441600 PHOENIX-1441600 Datasheet
427Kb / 10P
SACC-SQ-M12MS-17CON-25F/0,5 - Device connector front mounting
1441613 PHOENIX-1441613 Datasheet
430Kb / 11P
SACC-SQ-M12FS-17CON-25F/0,5 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com